Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ60060QPw55xyz-G Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # SQ60060QPw55xyz-G
Description  Input under-voltage lockout
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60060QPw55xyz-G Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button SQ60060QPw55xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60060QPw55xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60060QPw55xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters SQ60060QPw55xyz-G Datasheet HTML 10Page - SynQor Worldwide Headquarters SQ60060QPw55xyz-G Datasheet HTML 11Page - SynQor Worldwide Headquarters SQ60060QPw55xyz-G Datasheet HTML 12Page - SynQor Worldwide Headquarters SQ60060QPw55xyz-G Datasheet HTML 13Page - SynQor Worldwide Headquarters SQ60060QPw55xyz-G Datasheet HTML 14Page - SynQor Worldwide Headquarters SQ60060QPw55xyz-G Datasheet HTML 15Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Product # SQ60060QPx55
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005130 Rev. F
05/13/15
Page 11
Technical
Specification
SQ60060QPx55
Application Section
Application Section
BASIC OPERATION AND FEATURES
With voltages dropping and currents rising, the economics
of an Intermediate Bus Architecture (IBA) are becoming
more attractive, especially in systems requiring multiple
low voltages. IBA systems separate the role of isolation and
voltage scaling from regulation and sensing. The BusQor
series bus converter provides isolation and a coarse voltage
step down in one compact module, leaving regulation to
simpler, less expensive non-isolated converters.
In Figure A below, the BusQor module provides the isolation
stage of the IBA system. The isolated bus then distributes
power to the non-isolated buck regulators to generate the
required voltage levels at the point of load. In this case, the
bucks are represented with SynQor’s NiQor series of non-
isolated dc-dc converters. In many applications requiring
multiple low voltage outputs, significant savings can be
achieved in board space and overall system costs.
When designing an IBA system with bus converters, the
designer can select from a variety of bus voltages. While
there is no universally ideal bus voltage, most designs
employ one of the following: 12V, 9V, 7.5V, 5V, or 3.3V.
Higher bus voltages can lead to lower efficiency for the buck
regulators but are more efficient for the bus converter and
provide lower board level distribution current. Lower bus
voltages offer the opposite trade offs.
SynQor’s SQ BusQor modules accept the full 48/60V
telecom bus voltage and have a narrow output voltage
range compatible with many non-isolated point of load
converters. When used in IBA systems, the output variation
of the BusQor must be in accordance with the input voltage
range of the non-isolated converters being employed.
BusQor
Converter
NiQor
Converters
Loads
48Vdc
Front End
Typical User Board
3.3V
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2,
permits the user to control when the converter is on or off.
This input is referenced to the return terminal of the input
bus, Vin(-). There are two versions of the converter that
differ by the sense of the logic used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active
high (meaning that a high turns the converter on). In the
negative logic version, the ON/OFF signal is active low
(meaning that a low turns the converter on). Figure B is a
detailed look of the internal ON/OFF circuitry.
TTL
ON/OFF
Vin(_)
Vin(+)
2.5V
1.8V
1.5V
0.9V
6Vdc
48Vdc
36-75V
Figure A: Example of Intermediate Bus Architecture using BusQor bus converter
and NiQor non-isolated converters
5V
+5V
124k
49.9k
100k
Figure B: Internal ON/OFF pin circuitry


Similar Part No. - SQ60060QPw55xyz-G

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SQ600 LUMINIS-SQ600 Datasheet
165Kb / 2P
   Cast aluminum ventilated top cover
More results

Similar Description - SQ60060QPw55xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
logo
Bel Fuse Inc.
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
0RCY-D4T12H BEL-0RCY-D4T12H Datasheet
623Kb / 17P
   Input Under Voltage Lockout
0RHB-Q2T53 BEL-0RHB-Q2T53 Datasheet
513Kb / 12P
   Input Under-Voltage Lockout
0RQ1-Q2T12P BEL-0RQ1-Q2T12P Datasheet
691Kb / 18P
   Input Under Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com