Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60500HZw12xyz-G Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ60500HZw12xyz-G
Description  No minimum load requirement means no preload resistors required
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60500HZw12xyz-G Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60500HZw12xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60500HZw12xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60500HZw12xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60500HZw12xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60500HZw12xyz-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60500HZw12xyz-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60500HZw12xyz-G Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60500HZw12xyz-G Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60500HZw12xyz-G Datasheet HTML 14Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Product # PQ60500HZx12
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005982 Rev. D
03/04/14
Page 10
Input:
35-75V
Output:
50V
Current:
12A
Package:
Half-brick
Applications Section
Applications Section
Figure A: Various circuits for driving the ON/OFF pin.
Open Collector Enable Circuit
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently
Enabled)
(Permanently
Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
Vin(_
)
Positive Logic
ON/OFF
Vin(_
)
TTL
5V
10k
50k
ON/OFF
Vin(_)
18V(max)
Figure B: Internal ON/OFF pin circuitry
BASIC OPERATION AND FEATURES
This converter series uses a two-stage power conversion topology.
The first stage keeps the output voltage constant over variations in
line, load, and temperature. The second stage uses a transformer
to provide the functions of input/output isolation and voltage step-
down to achieve the low output voltage required.
Both the first stage and the second stage switch at a fixed frequency
for predictable EMI performance. Rectification of the transformer’s
output is accomplished with synchronous rectifiers. These devices,
which are MOSFETs with a very low on-state resistance, dissipate
significantly less energy than Schottky diodes, enabling the
converter to achieve high efficiency.
Dissipation throughout the converter is so low that it does not
require a heatsink or even a baseplate for operation in many
applications; however, adding a heatsink provides improved thermal
derating performance in extreme situations. To further withstand
harsh environments and thermally demanding applications, certain
models are available totally encased. See Ordering Information
page for available thermal design options.
SynQor half-brick converters use the industry standard footprint
and pin-out.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input is
referenced to the return terminal of the input bus, Vin(-).
In negative logic versions, the ON/OFF signal is active low (meaning
that a low voltage turns the converter on). In positive logic versions,
the ON/OFF input is active high (meaning that a high voltage turns
the converter on). Figure A details possible circuits for driving the
ON/OFF pin. Figure B is a detailed look of the internal ON/OFF
circuitry. See Ordering Information page for available enable logics.
REMOTE SENSE Pins 8(+) and 6(-): The SENSE(+) and SENSE(-)
inputs correct for voltage drops along the conductors that connect
the converter’s output pins to the load.
Pin 8 should be connected to Vout(+) and Pin 6 should be connected
to Vout(-) at the point on the board where regulation is desired. If
these connections are not made, the converter will deliver an output
voltage that is slightly higher than its specified value.
Note: The Output Over-Voltage Protection circuit senses the voltage
across the output (Pins 9 and 5) to determine when it should trigger,
not the voltage across the converter’s sense leads (Pins 8 and 6).
Therefore, the resistive drop on the board should be small enough
so that output OVP does not trigger, even during load transients.
OUTPUT VOLTAGE TRIM (Pin 7): The TRIM input permits the
user to adjust the output voltage across the sense leads up or down
according to the trim range specifications. SynQor uses industry
standard trim equations.
To decrease the output voltage, the user should connect a resistor
between Pin 7 (TRIM) and Pin 6 (SENSE(–) input). For a desired
decrease of the nominal output voltage, the value of the resistor
should be:
Rtrim-down =
(
100%
2
)
Δ%
where
Δ% =
|
Vnominal – Vdesired | × 100%
Vnominal
To increase the output voltage, the user should connect a resistor
between Pin 7 (TRIM) and Pin 8 (SENSE(+) input). For a desired
increase of the nominal output voltage, the value of the resistor
should be:
Rtrim-up =
( Vnominal – 2) × Vdesired + Vnominal
1.225
Vdesired – Vnominal


Similar Part No. - PQ60500HZw12xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60525HTA04 SYNQOR-PQ60525HTA04 Datasheet
516Kb / 14P
   Half-brick DC/DC Converter
PQ60525HTA04NK8 SYNQOR-PQ60525HTA04NK8 Datasheet
516Kb / 14P
   Half-brick DC/DC Converter
PQ60525HTA04NKF SYNQOR-PQ60525HTA04NKF Datasheet
516Kb / 14P
   Half-brick DC/DC Converter
PQ60525HTA04NKS SYNQOR-PQ60525HTA04NKS Datasheet
516Kb / 14P
   Half-brick DC/DC Converter
PQ60525HTA04NN8 SYNQOR-PQ60525HTA04NN8 Datasheet
516Kb / 14P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60500HZw12xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60240HZX25 SYNQOR-PQ60240HZX25 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
logo
Delta Electronics, Inc.
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
   No minimum load required
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
   No minimum load required
NC40 DELTA-NC40 Datasheet
993Kb / 14P
   No minimum load required
DNL10SIP20 DELTA-DNL10SIP20 Datasheet
878Kb / 17P
   No minimum load required
logo
Minmax Technology Co., ...
MIW03 MINMAX-MIW03 Datasheet
482Kb / 5P
   No Minimum Load Requirement
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com