Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60400HZw15xyz-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60400HZw15xyz-G
Description  Fixed frequency switching provides predictable EMI performance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60400HZw15xyz-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60400HZw15xyz-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Product # PQ60400HZx15
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005988 Rev. D
03/04/14
Page 1
Technical
Specification
PQ60400HZx15
Contents
Operational Features
• High efficiency, 94% at full rated load current
• Delivers up to 15A of output current (600W)
• Input voltage range: 35-75V
• Fixed frequency switching provides predictable EMI performance
• No minimum load requirement means no preload resistors required
• Wide output voltage trim range (-50%, +10%), see trim section
• Optional: Active current share for parallel applications
Protection Features
• Input under-voltage lockout disables converter at low Vin conditions
• Output current limit and short circuit protection protects
converter and load from permanent damage and
consequent hazardous conditions
• Active back bias limit provides smooth startup with
external load induced pre-bias
• Auto-recovery output over-voltage protection protects load from
damaging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
PQ60400HZx15 Model
Mechanical Features
• Industry standard half-brick pin-out configuration
• Size: 2.30" x 2.40" x 0.428", 58.4 x 61.0 x 10.9 mm
• Total weight: 2.6 oz. (75 g)
The PQ60400HZx15 PowerQor Zeta Half-brick
converter is a next-generation, board-mountable,
isolated, fixed switching frequency DC/DC converter.
The Zeta series offers industry leading power density
for standard isolated DC/DC converters with both a
wide input range and a tightly regulated output. This
module supplies an isolated step down voltage from
35-75V to 40V and is available in openframe and
encased versions. RoHS Compliant (see last page).
Safety Features
• UL 60950-1:R2011-12
• EN60950-1/A12:2011
• CAN/CSA-C22.2 No. 60950-1/A1:2011
Page No.
Mechanical Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Standards & Qualifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Technical Figures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Applications Section. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Control Features
• On/Off control referenced to input side
(positive and negative logic options are available)
• Remote sense for the output voltage
35-75V
100V
40V
600W
2250V dc
Half-brick
Input
Transient Input
Output
Max Power
Isolation
DC-DC Converter


Similar Part No. - PQ60400HZw15xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60480QTA03 SYNQOR-PQ60480QTA03 Datasheet
536Kb / 13P
   Quarter-brick DC/DC Converter
PQ60480QTA03NKS SYNQOR-PQ60480QTA03NKS Datasheet
536Kb / 13P
   Quarter-brick DC/DC Converter
PQ60480QTA03NNS SYNQOR-PQ60480QTA03NNS Datasheet
536Kb / 13P
   Quarter-brick DC/DC Converter
PQ60480QTA03NRS SYNQOR-PQ60480QTA03NRS Datasheet
536Kb / 13P
   Quarter-brick DC/DC Converter
PQ60480QTA03NYS SYNQOR-PQ60480QTA03NYS Datasheet
536Kb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60400HZw15xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033EGX20 SYNQOR-PQ60033EGX20 Datasheet
1Mb / 13P
   Fixed frequency switching provides predictable EMI performance
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
PQ60120SMX04 SYNQOR-PQ60120SMX04 Datasheet
1Mb / 15P
   Fixed frequency switching provides predictable EMI
logo
Artesyn Technologies
AVO75 ARTESYN-AVO75 Datasheet
1Mb / 3P
   Fixed switching frequency
AVO240 ARTESYN-AVO240 Datasheet
650Kb / 4P
   Fixed switching frequency
AVD75 ARTESYN-AVD75 Datasheet
497Kb / 3P
   Fixed switching frequency
logo
Wall Industries,Inc.
ZFW WALL-ZFW Datasheet
409Kb / 7P
   Fixed Switching Frequency
logo
Artesyn Technologies
AVD85 ARTESYN-AVD85 Datasheet
541Kb / 3P
   Fixed switching frequency
AVO120 ARTESYN-AVO120 Datasheet
498Kb / 3P
   Fixed switching frequency
AVD50 ARTESYN-AVD50 Datasheet
561Kb / 3P
   Fixed switching frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com