Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60120SMw04xyS Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ60120SMw04xyS
Description  Fixed frequency switching provides predictable EMI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120SMw04xyS Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60120SMw04xyS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 14Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Product # PQ60120SMx04
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005169 Rev. D
11/13/15
Page 10
Technical Specification
Input:
Output:
Current:
48V
12V
4A
0
1
2
3
4
5
6
7
8
9
10
11
12
34
34.5
35
35.5
36
Input Voltage (V)
+85°C
+25°C
-40°C
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
10
100
1,000
10,000
100,000
Hz
35Vin
48Vin
75Vin
0.0001
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
Hz
35Vin
48Vin
75Vin
0.1
1
10
100
1000
10
100
1,000
10,000
100,000
Hz
35Vin
48Vin
75Vin
-120
-100
-80
-60
-40
-20
0
10
100
1,000
10,000
100,000
Hz
35Vin
48Vin
75Vin
Figure 19: Magnitude of incremental output impedance (Zout = vout/iout) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 20: Magnitude of incremental forward transmission (FT = vout/vin) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 21: Magnitude of incremental reverse transmission (RT = iin/iout) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 22: Magnitude of incremental input impedance (Zin = vin/iin) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 23: Achievable trim-up percentage vs. input voltage at +85°C, +25°C,
and -40°C (all at full load). Full trim-up percentage is achieved at loads of
50% or less across full temperature and input voltage range.


Similar Part No. - PQ60120SMw04xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120EGA07NKS SYNQOR-PQ60120EGA07NKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NNS SYNQOR-PQ60120EGA07NNS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NRS SYNQOR-PQ60120EGA07NRS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NYS SYNQOR-PQ60120EGA07NYS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07PKS SYNQOR-PQ60120EGA07PKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60120SMw04xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
PQ60033EGX20 SYNQOR-PQ60033EGX20 Datasheet
1Mb / 13P
   Fixed frequency switching provides predictable EMI performance
PQ60400HZX15 SYNQOR-PQ60400HZX15 Datasheet
3Mb / 16P
   Fixed frequency switching provides predictable EMI performance
logo
Artesyn Technologies
AVO75 ARTESYN-AVO75 Datasheet
1Mb / 3P
   Fixed switching frequency
AVO240 ARTESYN-AVO240 Datasheet
650Kb / 4P
   Fixed switching frequency
AVD75 ARTESYN-AVD75 Datasheet
497Kb / 3P
   Fixed switching frequency
logo
Wall Industries,Inc.
ZFW WALL-ZFW Datasheet
409Kb / 7P
   Fixed Switching Frequency
logo
Artesyn Technologies
AVD85 ARTESYN-AVD85 Datasheet
541Kb / 3P
   Fixed switching frequency
AVO120 ARTESYN-AVO120 Datasheet
498Kb / 3P
   Fixed switching frequency
AVD50 ARTESYN-AVD50 Datasheet
561Kb / 3P
   Fixed switching frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com