Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60025EGL25 Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ60025EGL25
Description  Protection from permanent damage and hazardous conditions
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60025EGL25 Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ60025EGL25 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60025EGL25 Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Product # PQ60025EGL25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG625B Rev. B
02/11/11
Page 6
Technical
Specification
PQ60025EGL25
0
1
2
3
4
5
6
7
8
9
10
11
12
0
3
5
8
10
13
15
18
20
23
25
Load Current (A)
35 Vin
48 Vin
75 Vin
60
65
70
75
80
85
90
95
0
3
5
8
10
13
15
18
20
23
25
Load Current (A)
35 Vin
48 Vin
75 Vin
84
85
86
87
88
89
90
91
92
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Semiconductor junction temperature is
within 1°C of surface temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
0
2
4
6
8
10
12
14
16
18
20
22
24
0
25
40
55
70
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
50 LFM (0.25 m/s)
Figure 1: Efficiency at nominal output voltage vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 2: Efficiency at nominal output voltage and 60% rated power vs. airflow
rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal input
voltage).
Figure 3: Power dissipation at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 4: Power dissipation at nominal output voltage and 60% rated power
vs. airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal
input voltage).
Figure 5: Maximum output power derating curves vs. ambient air temperature
for airflow rates of 50 LFM through 400 LFM with air flowing from input to
output (nominal input voltage).
Figure 6: Thermal plot of converter at 21A load current with 55°C air flowing at
the rate of 200 LFM. Air is flowing from input to output (nominal input voltage).
Technical Figures
Technical Figures


Similar Part No. - PQ60025EGL25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025EGL20 SYNQOR-PQ60025EGL20 Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NKS SYNQOR-PQ60025EGL20NKS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NNS SYNQOR-PQ60025EGL20NNS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NRS SYNQOR-PQ60025EGL20NRS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NYS SYNQOR-PQ60025EGL20NYS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60025EGL25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QZB33 SYNQOR-PQ60120QZB33 Datasheet
2Mb / 13P
   Protection from permanent damage and hazardous conditions
logo
ATMEL Corporation
AT34C02D ATMEL-AT34C02D_14 Datasheet
756Kb / 25P
   Permanent and Reversible Software Write Protection
logo
Rohm
RDS070N03 ROHM-RDS070N03 Datasheet
41Kb / 4P
   Excellent Resistance to damage from static electricity
logo
Laird Tech Smart Techno...
FG8960 LSTD-FG8960 Datasheet
587Kb / 1P
   Special UV protection coating resist sun damage
logo
Endress+Hauser Group Se...
CM42 EH-CM42 Datasheet
4Mb / 48P
   Two-wire transmitter for hazardous and non-hazardous areas
2020-02-29
logo
SynQor Worldwide Headqu...
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60150EKXXX SYNQOR-PQ60150EKXXX Datasheet
844Kb / 15P
   Thermal shutdown protects converter from abnormal environmental conditions
logo
Linx Technologies
ANT-1.4-CW-HW LINX-ANT-1.4-CW-HW Datasheet
324Kb / 2P
   Rugged & damage-resistant
4/28/14
logo
SynQor Worldwide Headqu...
PQ60010EGL20 SYNQOR-PQ60010EGL20 Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
logo
List of Unclassifed Man...
IB2-06 ETC2-IB2-06 Datasheet
168Kb / 3P
   Protection from electrical shock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com