Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HK10052N2S Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # HK10052N2S
Description  Wireless LAN and Bluetooth Module Evaluation Board
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HK10052N2S Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

  HK10052N2S Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HK10052N2S Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc HK10052N2S Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc HK10052N2S Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc HK10052N2S Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc HK10052N2S Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc HK10052N2S Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc HK10052N2S Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Mar.31.2016 Ver.1.1
TAIYO YUDEN CO., LTD.
TAIYO YUDEN CO., LTD.
6 / 8
WBSBHVGXG
BOM of evaluation board
TE8561-1
Ref Name
Description
Value
Parts name and standard
Supplier
ANT1
Dual ANTENNA
2.4/5GHz
AH104N2450D1
TAIYO YUDEN
U1
IC(LDO 3.3V)
S-1172B33-E6T1G
SII or equivalent
U2
IC(LDO1.8V)
S-1170B18UC-OTDTF
SII or equivalent
U3
N.M.
U4
IC
(Reset voltage
detector)
TPS3808G01
TI or equivalent
U5
IC(32.768kHz clock)
SG-3030LC
EPSON or equivalent
U7
N.M
U8
Module
WYSBHVGXG
TAIYO YUDEN
SW1
SWITCH
HP03-15AFKP2
Nikkai or equivalent
SW2
SWITCH
HP03-15AFKP2
Nikkai or equivalent
CN1
CONNECTOR
S2B-XH-A
JST or equivalent
CN2
CONNECTOR
PIN_HEADER_S3
CN3
CONNECTOR
PIN_HEADER_S3
CN4
N.M.
CN5
N.M.
CN6
N.M.
CN8
N.M.
CN9
RF CONNECTOR
MM8430-2610
MURATA
CN10
N.M.
CN11
N.M.
CON1
N.M.
JP1
N.M.
JP2
N.M.
JP3
N.M.
JP4
N.M.
C1
CAPACITOR
4.7uF
LMK107 BJ475KA
TAIYO YUDEN
C2
CAPACITOR
4.7uF
LMK107 BJ475KA
TAIYO YUDEN
C3
CAPACITOR
4.7uF
LMK107 BJ475KA
TAIYO YUDEN
C4
CAPACITOR
4.7uF
LMK107 BJ475KA
TAIYO YUDEN
C5
CAPACITOR
10uF
JMK107 BJ106MA
TAIYO YUDEN
C6
N.M.
C7
N.M.
C8
N.M.
C9
N.M.
C10
N.M.
C11
CAPACITOR
0.1uF
EMK105 BJ104KV
TAIYO YUDEN
C12
N.M.
-
C13
CAPACITOR
0.1uF
EMK105 BJ104KV
TAIYO YUDEN
C14
CAPACITOR
0.1uF
EMK105 BJ104KV
TAIYO YUDEN
C15
N.M.
C16
N.M.
C17
N.M.
C18
N.M.
C19
N.M.
C20
N.M.
C21
CAPACITOR
10uF
JMK107 BJ106MA
TAIYO YUDEN
C22
CAPACITOR
10uF
JMK107 BJ106MA
TAIYO YUDEN
C23
CAPACITOR
10uF
JMK107 BJ106MA
TAIYO YUDEN


Similar Part No. - HK10052N2S

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK10052N2S-T TAIYO-YUDEN-HK10052N2S-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK10052N2S-T8 TAIYO-YUDEN-HK10052N2S-T8 Datasheet
276Kb / 2P
   High Frequency Multilayer Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (HK series)
HK10052N2S-TV TAIYO-YUDEN-HK10052N2S-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
More results

Similar Description - HK10052N2S

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
WBSACVLXY-1 TAIYO-YUDEN-WBSACVLXY-1 Datasheet
310Kb / 8P
   Wireless LAN Module Evaluation Board
WYSBHVGXG TAIYO-YUDEN-WYSBHVGXG Datasheet
465Kb / 22P
   Wireless LAN Bluetooth Module
logo
Abracon Corporation
ABBTM-2.4GHZ-EVAL ABRACON-ABBTM-2.4GHZ-EVAL Datasheet
2Mb / 4P
   Bluetooth Module Evaluation Board
01.26.12
logo
Soshin electric Co., Lt...
DBF70B001 SOSHIN-DBF70B001 Datasheet
90Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF71A001 SOSHIN-DBF71A001 Datasheet
120Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF70A001 SOSHIN-DBF70A001 Datasheet
92Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF71B001 SOSHIN-DBF71B001 Datasheet
135Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
HMD960U SOSHIN-HMD960U Datasheet
113Kb / 3P
   2.5GHz Balun for Bluetooth, Wireless LAN and WiMAX
HMD962U SOSHIN-HMD962U Datasheet
118Kb / 3P
   2.5GHz Balun for Bluetooth,Wireless LAN and WiMAX
HMD967C SOSHIN-HMD967C Datasheet
120Kb / 3P
   2.4GHz Balun for Bluetooth,Wireless LAN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com