Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS85-103A-P2G2 Datasheet(PDF) 4 Page - Copal Electronics

Part # PS85-103A-P2G2
Description  PRESSURE SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS85-103A-P2G2 Datasheet(HTML) 4 Page - Copal Electronics

  PS85-103A-P2G2 Datasheet HTML 1Page - Copal Electronics PS85-103A-P2G2 Datasheet HTML 2Page - Copal Electronics PS85-103A-P2G2 Datasheet HTML 3Page - Copal Electronics PS85-103A-P2G2 Datasheet HTML 4Page - Copal Electronics PS85-103A-P2G2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Label 2
R 1/4 (PT 1/4)
(SUS 316L)
Housing
(SUS 316L)
Plastic cover
(ABS+PC)
Label 1
Pressure setting
VR 2
Indicator LED1
Indicator LED2
Pressure setting VR 1
Cable nut
4-core shielded cable
AWG22 ULNo.2547
L = 2000
± 100
Lot No.
Pressure port M 5 depth 6
48.5
± 1
(14)
13.5
(8)
27
19
0
–0.3
( 4.5)
φ
Brass + Ni-plated
(SW1;Red)
(SW2;Green)
O Configurations of joint R2 (R 1/4) type
Diaphragm
Label 2
G 3/8 (PF 3/8)
(SUS 316L)
Housing
(SUS 316L)
Plastic cover
(ABS+PC)
Label 1
Pressure setting
VR 2
Indicator LED1
Indicator LED2
Pressure setting VR 1
Cable nut
Lot No.
(SUS 316L)
49
± 1
(14)
11
(11)
27
27
0
–0.3
Brass + Ni-plated
“O” rirg groove
Outside :
22.8
Inside :
18
φ
φ
(SW1;Red)
(SW2;Green)
4-core shielded cable
AWG22 ULNo.2547
L = 2000
± 100
( 4.5)
φ
O Configurations of joint GF (G 3/8) type
Label 2
G 1/4 (PF 1/4)
(SUS 316L)
Housing
(SUS 316L)
Plastic cover
(ABS+PC)
Label 1
Pressure setting
VR 2
Indicator LED1
Indicator LED2
Pressure setting VR 1
Cable nut
Lot No.
Pressure port M 5 depth 6
48
± 1
(14)
12
(9)
27
22
0
–0.3
Brass + Ni-plated
“O” rirg groove
Outside :
20
Inside :
15
φ
φ
(SW1;Red)
(SW2;Green)
4-core shielded cable
AWG22 ULNo.2547
L = 2000
± 100
( 4.5)
φ
OConfigurations of joint G2 (G 1/4) type
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.5 (Unit: mm)
Wire color
Brown
Black
White
Blue
Shield
Connection
Power
B
Switch output 1
Switch output 2
Common
Fitting
PS85
PRESSURE SWITCHES
Extra care should be taken with the diaphragm part. Do not touch the diaphragm directly to avoid damaging the diaphragm.


Similar Part No. - PS85-103A-P2G2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8501 CEL-PS8501 Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8501-AX CEL-PS8501-AX Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8501-V CEL-PS8501-V Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501-V RENESAS-PS8501-V Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
More results

Similar Description - PS85-103A-P2G2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
   Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
PSW-200 ETC-PSW-200 Datasheet
273Kb / 2P
   INDUSTRIAL PRESSURE SWitCHes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com