Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60015SMX25 Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60015SMX25
Description  Delivers up to 37W of output power with minimal derating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015SMX25 Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60015SMX25 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015SMX25 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Technical
Specification
PQ60015SMx25
Product # PQ60015SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005218 Rev. C
06/28/11
Page 3
PQ60 SMC Mechanical Drawing
1.036±.020 (26.31±0.5)
.150 (3.81)
.600 (15.24)
.450 (11.43)
.300 (7.62)
.600 (15.24)
.300 (7.62)
.218±.020
(5.54±0.5)
Overall height
0.500±.025
(12.7±0.63)
Side View
0.18
(4.6)
.143±.020
(3.63±0.5)
1.436±.020
(36.47±0.5)
1.10
(27.9)
Top View
4
5
6
7
8
1
2
3
PQ60015SMC25
Module
PQ
60
01
5S
MC
25
NR
S-G
34
-75
VIN
1.5
VOU
T
@
25
A
DC
/D
C C
on
ver
ter
PIN DESIGNATIONS
Pin
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF TTL input to turn converter on and off, referenced to
Vin(–), with internal pull up.
3
Vin(–)
Negative input voltage
4
Vout(–)
Negative output voltage
5
SENSE(–) Negative remote sense(see note 1)
6
TRIM
Output voltage trim (see note 2)
7
SENSE(+) Positive remote sense (see note 3)
8
Vout(+) Positive output voltage
Notes:
1)
SENSE(–) should be connected to Vout(–) either remotely or at
the converter.
2)
Leave TRIM pin open for nominal output voltage.
3)
SENSE(+) should be connected to Vout(+) either remotely or at
the converter.
NOTES
1)
Pins 1-3, 5-7 are 0.040” (1.02mm) diameter, with 0.080” (2.03mm)
diameter standoff shoulders.
2)
Pins 4 and 8 are 0.062” (1.57 mm) diameter with 0.100" (2.54 mm)
diameter standoff shoulders.
3)
Other pin extension lengths available. Recommended pin length is
0.03” (0.76mm) greater than the PCB thickness.
4)
All Pins: Material - Copper Alloy- Finish (RoHS 6/6) - Matte Tin over
Nickel plate
5)
Undimensioned components are shown for visual reference only.
6)
All dimensions in inches (mm) Tolerances: x.xx +/-0.02 in. (x.x
+/-0.5mm) x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7)
Weight: 1.14oz (32.3g)
8)
Workmanship: Meets or exceeds IPC-A-610C Class II


Similar Part No. - PQ60015SMX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xy SYNQOR-PQ60015EGw20xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - PQ60015SMX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50180HTB10 SYNQOR-PQ50180HTB10 Datasheet
1Mb / 14P
   Delivers up to 180W of output power with minimal derating
logo
Bel Fuse Inc.
SQE48T20033 BEL-SQE48T20033 Datasheet
1Mb / 13P
   Delivers 20 A with no derating up to 70 째C
logo
SynQor Worldwide Headqu...
PQ50120HZB55 SYNQOR-PQ50120HZB55 Datasheet
1Mb / 14P
   Delivers up to 55A of output current (660W)
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
   Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
   Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
Emerson Network Power
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
   Delivers up to 25 A output current
logo
Bel Fuse Inc.
YS05S16 BEL-YS05S16 Datasheet
722Kb / 21P
   Delivers up to 16 A (58 W)
logo
New Jersey Semi-Conduct...
2N6040 NJSEMI-2N6040 Datasheet
241Kb / 2P
   POWER DERATING
logo
Bel Fuse Inc.
YS05S10 BEL-YS05S10 Datasheet
713Kb / 20P
   Delivers up to 10 A (36 W)
YNV12T16 BEL-YNV12T16 Datasheet
881Kb / 21P
   Delivers up to 16 A (88 W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com