Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG-200-102AP-S Datasheet(PDF) 6 Page - Copal Electronics

Part # PG-200-102AP-S
Description  PRESSURE GAUGES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-200-102AP-S Datasheet(HTML) 6 Page - Copal Electronics

  PG-200-102AP-S Datasheet HTML 1Page - Copal Electronics PG-200-102AP-S Datasheet HTML 2Page - Copal Electronics PG-200-102AP-S Datasheet HTML 3Page - Copal Electronics PG-200-102AP-S Datasheet HTML 4Page - Copal Electronics PG-200-102AP-S Datasheet HTML 5Page - Copal Electronics PG-200-102AP-S Datasheet HTML 6Page - Copal Electronics PG-200-102AP-S Datasheet HTML 7Page - Copal Electronics PG-200-102AP-S Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PG-200/PG-208
PRESSURE GAUGES
ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions
Permissible change
Pressure indication, switch setting and analog
output (zero and span) variation:
± 1 %F.S.
maximum each. (Note: No analog output for
the battery type.)
Vibration
Amplitude 1.5 mm P-P, 10 ~ 55 Hz,
3 directions for 2 hours each (packed)
98.1 m/s2
, 3 directions for 3 times each (packed)
106 cycles
0 ~ Rated pressure
40 °C, 90 ~ 95 %RH, 240 hrs.
Shock
Pressure cycling
Moisture resistance
No. of setting points
Model number
Switching capacity
Switching hysteresis
Residual voltage
Output conditions
Switch state indication
Response
2 points of HI and LO (one point of HI only for the external power supply version)
30 V DC、40 mA(NPN open collector
4 counts maximum
1.2 V DC(When current inflow is 40 mA
Measured press LO set press. LO output ON, Measured press. HI set press. HI output ON.
Indicated by an LCD display (HI or LO) when the switch output is ON.
Approx. 100
ms
Pressure setting range
Setting method
When the SET button is pressed, HI set pressure is displayed for about 20 seconds first, then LO
set pressure is displayed for about 20 seconds. Therefore, high and low pressure settings can be
made by VR watching the display.
Accessories (for panel type only)
Attachements : Half union (for a tube of
φ 6 0.D.), and Barb fitting
(for a tube of
φ 4 I.D.), one piece each. (Panel type only)
———
Analog voltage output
 ※4
Additional function
Voltage output: 0 ~ 1 V, Accuracy:
± 1 %F.S. (at 25 ± 5 °C), Load: 1 kΩ minimum
Low battery indication (LO BAT)
Item
PG-200
PG-208
101G
102G
103G
102VH
102AH
102G
103G
102VH
3 : Pressure setting can be made up to “– 760 mmHg” for 102VH and up to
“760 mmHg” for 102AH (Accuracy not guaranteed beyond the rated
pressure.).
4 : Available only for external power type.
000 ~ 1000 .000 ~ 1.000 0.00 ~ 10.00
.000 ~ 1.000 0.00 ~ 10.00
000 ~
− 735
※3
000 ~ 735
※3
000 ~
− 735
※3
STANDARD SPECIFICATIONS
Non SI unit version
O Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C, excitation voltage of 12 V DC and battery of 3.6 V DC.


Similar Part No. - PG-200-102AP-S

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-200-102AP-S COPAL-PG-200-102AP-S Datasheet
129Kb / 8P
   PRESSURE GAUGES
More results

Similar Description - PG-200-102AP-S

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-20 COPAL-PG-20_16 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-208 COPAL-PG-208_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-35L COPAL-PG-35L_16 Datasheet
126Kb / 4P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
475040 EXTECH-475040_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
TKG150 EXTECH-TKG150 Datasheet
963Kb / 2P
   Ultrasonic Thickness Gauges
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com