Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG-200-102AP-S Datasheet(PDF) 3 Page - Copal Electronics

Part # PG-200-102AP-S
Description  PRESSURE GAUGES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-200-102AP-S Datasheet(HTML) 3 Page - Copal Electronics

  PG-200-102AP-S Datasheet HTML 1Page - Copal Electronics PG-200-102AP-S Datasheet HTML 2Page - Copal Electronics PG-200-102AP-S Datasheet HTML 3Page - Copal Electronics PG-200-102AP-S Datasheet HTML 4Page - Copal Electronics PG-200-102AP-S Datasheet HTML 5Page - Copal Electronics PG-200-102AP-S Datasheet HTML 6Page - Copal Electronics PG-200-102AP-S Datasheet HTML 7Page - Copal Electronics PG-200-102AP-S Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STANDARD SPECIFICATIONS
Pa version
Rated pressure range
Model number
Resolution
Display cycle
Rated display range
Display accuracy
Maximum pressure
Break-dawn pressure
Pressure medium
Gravitational effect
(From vertical position to horizontal position)
Pressure reference
Thermal error
Operating temp., range
°C
Compensated temp. range
Pressure port
Item
PG-200
PG-208
101GP
102GP
103GP
103GMP
102VP
102AP
102GP
103GP
103GMP
102VP
kPa
kPa
kPa
% F.S.
Panel type
Stand type
SPAN
Operating humidity
Storage temp.
Gauge
Absolute
Gauge
ZERO
10
100
1000
− 100
100 kPa abs
100
1000
− 100
20
200
1500
200
200 kPa abs
200
2000
200
50
500
2000
500
500 kPa abs
300
3000
300
Non-corrosive gases
Approx. 3 times/s
1 count
± 0.5 %F.S. ± 2 counts (at 25 ± 5 °C)
± 0.1 % F.S./°C
± 2 counts
± 0.05 % F.S./°C ± 2 counts
± 0.1 % F.S./°C ± 2 counts
± 0.05 % Reading/°C ± 2 counts
DC5 ∼ 10 V、DC10 ∼ 24 V
(Selectable by electrical terminals only in case of stand type) Consumption current : 20 mA maximum
3 1/2
LCD
0 ~ 50
0 ~ 50
35 ~ 85(No condensation)
———
Approx. 0.5
Approx. 0.05 Approx. 0.5
− 20 ~ 70(Atmospheric pressure, humidity 65 %RH maximum)
M 5
———
R 1/4(PT 1/4)
G 3/8(PF 3/8)
Net weight
Panel type
Stand type
Approx. 130
———
Approx. 330
Approx. 390
Power
Battery type
External power
Lithium battery DC 3.6 V (ER6VM)
Battery life 9000 h minimum
Corrosive gases/liquids compatible with SUS 316 or SUS 316L
※1
maximum
maximum
kPa
No. of digits
Display element
0.00 ~ 10.00 00.0 ~ 100.0
000 ~ 1000
.000 ~ 1.000
(MPa)
00.0 ~
− 100.0
00.0 ~
100.0
00.0 ~
100.0
000 ~ 1000
.000 ~ 1.000
(MPa)
00.0 ~
− 100.0
※ 1 : Pressure medium will be limited to the ones compatible with Fluoro
rubber when an O-ring supplied as an accessary is used and also
compatible with the material of the joints.
g
°C
%RH
°C
OUnless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C, excitation voltage of 12 V DC and battery of 3.6 V DC.
PG-200/PG-208
PRESSURE GAUGES


Similar Part No. - PG-200-102AP-S

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-200-102AP-S COPAL-PG-200-102AP-S Datasheet
129Kb / 8P
   PRESSURE GAUGES
More results

Similar Description - PG-200-102AP-S

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-20 COPAL-PG-20_16 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-208 COPAL-PG-208_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-35L COPAL-PG-35L_16 Datasheet
126Kb / 4P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
475040 EXTECH-475040_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
TKG150 EXTECH-TKG150 Datasheet
963Kb / 2P
   Ultrasonic Thickness Gauges
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com