Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60012SMw25xyS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60012SMw25xyS
Description  Input under-voltage lockout
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60012SMw25xyS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60012SMw25xyS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Technical
Specification
PQ60012SMx25
Product # PQ60012SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005219 Rev. C
06/28/11
Page 3
SMC Mechanical Drawing
1.036±.020 (26.31±0.5)
.150 (3.81)
.600 (15.24)
.450 (11.43)
.300 (7.62)
.600 (15.24)
.300 (7.62)
.218±.020
(5.54±0.5)
Overall height
0.500±.025
(12.7±0.63)
Side View
0.18
(4.6)
.143±.020
(3.63±0.5)
1.436±.020
(36.47±0.5)
1.10
(27.9)
Top View
4
5
6
7
8
1
2
3
PIN DESIGNATIONS
Pin
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF TTL input to turn converter on and off, referenced to
Vin(–), with internal pull up.
3
Vin(–)
Negative input voltage
4
Vout(–) Negative output voltage
5
SENSE(–) Negative remote sense(see note 1)
6
TRIM
Output voltage trim (see note 2)
7
SENSE(+) Positive remote sense (see note 3)
8
Vout(+) Positive output voltage
Notes:
1)
SENSE(–) should be connected to Vout(–) either remotely or at
the converter.
2)
Leave TRIM pin open for nominal output voltage.
3)
SENSE(+) should be connected to Vout(+) either remotely or at
the converter.
NOTES
1)
Pins 1-3, 5-7 are 0.040” (1.02mm) diameter, with 0.080” (2.03mm)
diameter standoff shoulders.
2)
Pins 4 and 8 are 0.062” (1.57 mm) diameter with 0.100" (2.54 mm)
diameter standoff shoulders.
3)
Other pin extension lengths available. Recommended pin length is
0.03” (0.76mm) greater than the PCB thickness.
4)
All Pins: Material - Copper Alloy- Finish (RoHS 6/6) - Matte Tin over
Nickel plate
5)
Undimensioned components are shown for visual reference only.
6)
All dimensions in inches (mm) Tolerances: x.xx +/-0.02 in. (x.x
+/-0.5mm) x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7)
Weight: 1.14oz (32.3g)
8)
Workmanship: Meets or exceeds IPC-A-610C Class II


Similar Part No. - PQ60012SMw25xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60012EGL20 SYNQOR-PQ60012EGL20 Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60012EGL25 SYNQOR-PQ60012EGL25 Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
More results

Similar Description - PQ60012SMw25xyS

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
logo
Bel Fuse Inc.
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
logo
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
0RCY-D4T12H BEL-0RCY-D4T12H Datasheet
623Kb / 17P
   Input Under Voltage Lockout
0RHB-Q2T53 BEL-0RHB-Q2T53 Datasheet
513Kb / 12P
   Input Under-Voltage Lockout
0RQ1-Q2T12P BEL-0RQ1-Q2T12P Datasheet
691Kb / 18P
   Input Under Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com