Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60010EMw15xyz Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ60010EMw15xyz
Description  Active back bias limit prevents damage to converter from external load induced pre-bias
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60010EMw15xyz Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ60010EMw15xyz Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.2 V
1.2 V
15 A
15 A (18W)
(18W)
Eighth-brick
Eighth-brick
Product # PQ60012EML15
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EM621E Rev. D
1/22/08
Page 5
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Load Current (A)
35 Vin
48 Vin
75 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for min-
imum, nominal, and maximum input voltage at 25°C.
80
81
82
83
84
85
86
87
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
0
1
2
3
4
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Load Current (A)
35 Vin
48 Vin
75 Vin
Figure 3: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
0
1
2
3
4
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage).
0
2
4
6
8
10
12
14
16
0
25
40
55
70
85
Ambient Air Temperature (
oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
50 LFM (0.25 m/s)
Figure 5: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 50 LFM through 400 LFM with air flowing
across the converter from pin 3 to pin 1 (nominal input voltage).
Figure 6: Thermal plot of converter at 15 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
sideways from pin 3 to pin 1 (nominal input voltage).
Semiconductor junction temperature is
within 1°C of surface temperature


Similar Part No. - PQ60010EMw15xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60010EMW15XYZ SYNQOR-PQ60010EMW15XYZ Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - PQ60010EMw15xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
logo
Delta Electronics, Inc.
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
   Pre-bias startup
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
   Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
   Active Bias Controller
Dec-21-2001
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
   Active Bias Controller
2007-05-29
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
   ACTIVE BIAS CONTROLLER
logo
Hittite Microwave Corpo...
HMC981 HITTITE-HMC981 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC981 AD-HMC981 Datasheet
871Kb / 18P
   ACTIVE BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com