Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ7414AEN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQ7414AEN
Description  Automotive N-Channel 60 V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ7414AEN Datasheet(HTML) 3 Page - Vishay Siliconix

  SQ7414AEN Datasheet HTML 1Page - Vishay Siliconix SQ7414AEN Datasheet HTML 2Page - Vishay Siliconix SQ7414AEN Datasheet HTML 3Page - Vishay Siliconix SQ7414AEN Datasheet HTML 4Page - Vishay Siliconix SQ7414AEN Datasheet HTML 5Page - Vishay Siliconix SQ7414AEN Datasheet HTML 6Page - Vishay Siliconix SQ7414AEN Datasheet HTML 7Page - Vishay Siliconix SQ7414AEN Datasheet HTML 8Page - Vishay Siliconix SQ7414AEN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SQ7414AEN
www.vishay.com
Vishay Siliconix
S15-1878-Rev. C, 17-Aug-15
3
Document Number: 67050
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Transfer Characteristics
Transconductance
Capacitance
0
6
12
18
24
30
0
2
4
6
8
10
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 4 V
V
GS = 3 V
0
2
4
6
8
10
0
1
2
3
4
5
V
GS - Gate-to-Source Voltage (V)
T
C = -55 °C
T
C = 125 °C
T
C = 25 °C
0.00
0.01
0.02
0.03
0.04
0.05
0
4
8
12
16
20
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
6
12
18
24
0
1
2
3
4
5
V
GS - Gate-to-Source Voltage (V)
T
C = -55 °C
T
C = 125 °C
T
C = 25 °C
30
0
10
20
30
40
50
0
3
6
9
12
15
I
D - Drain Current (A)
T
C = 125 °C
T
C = -55 °C
T
C = 25 °C
0
300
600
900
1200
1500
0
12
24
36
48
60
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss


Similar Part No. - SQ7414AEN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ7414AEN VISHAY-SQ7414AEN Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQ7414AEN-T1-GE3 VISHAY-SQ7414AEN-T1-GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQ7414AEN-T1_GE3 VISHAY-SQ7414AEN-T1_GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQ7414AENW VISHAY-SQ7414AENW Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQ7414AENW-T1_GE3 VISHAY-SQ7414AENW-T1_GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
More results

Similar Description - SQ7414AEN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ7002K VISHAY-SQ7002K Datasheet
106Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 MOSFET
Rev. B, 14-Feb-11
SQD40N06-14L-GE3 VISHAY-SQD40N06-14L-GE3 Datasheet
160Kb / 9P
   Automotive N-Channel 60 V (D-S)
Rev. B, 30-Jul-12
SQD15N06-42L VISHAY-SQD15N06-42L_13 Datasheet
165Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 20-May-13
SQJA62EP VISHAY-SQJA62EP Datasheet
197Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SQ3426EV VISHAY-SQ3426EV Datasheet
258Kb / 12P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQJ850EP VISHAY-SQJ850EP Datasheet
156Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 19-Dec-11
SQJ460EP VISHAY-SQJ460EP Datasheet
187Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ3426EV VISHAY-SQ3426EV_15 Datasheet
146Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com