Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SISS10DN Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SISS10DN
Description  N-Channel 40 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SISS10DN Datasheet(HTML) 7 Page - Vishay Siliconix

  SISS10DN Datasheet HTML 1Page - Vishay Siliconix SISS10DN Datasheet HTML 2Page - Vishay Siliconix SISS10DN Datasheet HTML 3Page - Vishay Siliconix SISS10DN Datasheet HTML 4Page - Vishay Siliconix SISS10DN Datasheet HTML 5Page - Vishay Siliconix SISS10DN Datasheet HTML 6Page - Vishay Siliconix SISS10DN Datasheet HTML 7Page - Vishay Siliconix SISS10DN Datasheet HTML 8Page - Vishay Siliconix SISS10DN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 12-Mar-12
1
Document Number: 63919
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Case Outline for PowerPAK® 1212-8S
Note
• Millimeters will govern.
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.67
0.75
0.83
0.027
0.030
0.033
A1
0
-
0.05
0
-
0.002
A3
0.20 REF
0.008 REF
b
0.30 BSC
0.012 BSC
D
3.30 BSC
0.130 BSC
D1
2.15
2.25
2.35
0.084
0.088
0.092
E
3.30 BSC
0.130 BSC
E1
1.60
1.70
1.80
0.063
0.067
0.071
e
0.65 BSC
0.026 BSC
K
0.76 TYP
0.030 TYP
K1
0.41 TYP
0.016 TYP
L
0.43 BSC
0.017 BSC
z
0.525 TYP
0.021 TYP
ECN: C12-0200-Rev. A, 12-Mar-12
DWG: 6008
1
2
3
4
5
6
7
8
1
2
3
4
56
7
8
D
D1
z
b
e
C
d
0.08 C
f
0.10 C
d
0.10 C
2X
d
0.10 C
2X


Similar Part No. - SISS10DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISS10DN VISHAY-SISS10DN_V01 Datasheet
299Kb / 9P
   N-Channel 40 V (D-S) MOSFET
More results

Similar Description - SISS10DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com