Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ50050HPB50NNS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ50050HPB50NNS
Description  Output voltage trim permits custom voltages and voltage margining
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50050HPB50NNS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ50050HPB50NNS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product # PQ50050HPB50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005487 Rev. A
03/18/10
Page 4
Input:
Output:
Current:
Part No.:
PQ50050HPB50 Electrical Characteristics (continued)
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48V dc unless otherwise noted; full operating temperature range is -40 °C to +70 °C baseplate temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max. Units Notes & Conditions
Notes & Conditions
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
60
dB
120 Hz; fig. 17
120 Hz; fig. 17
Output Voltage during Load Current Transient
Step Change in Output Current (0.1 A/µs)
200
mV
50% to 75% to 50% Iout max; figure 9
50% to 75% to 50% Iout max; figure 9
Step Change in Output Current (5 A/µs)
300
mV
50% to 75% to 50% Iout max; figure 10
50% to 75% to 50% Iout max; figure 10
Settling Time
100
µs
To within 1% Vout nom
To within 1% Vout nom
Turn-On Transient
Turn-On Time
22
30
ms
Full load, Vout=90% nom.; Figs. 7 & 8
Full load, Vout=90% nom.; Figs. 7 & 8
Start-Up Inhibit Time
180
200
240
ms
-40oC to +125oC; Figure A
Output Voltage Overshoot
0
%
10,000 µF load capacitance, Iout = 0A
10,000 µF load capacitance, Iout = 0A
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
Isolation Voltage (dielectric strength)
2000
V
See Absolute Maximum Ratings
See Absolute Maximum Ratings
Isolation Resistance
30
Isolation Capacitance (input to output)
Isolation Capacitance (input to output)
3300
pF
See Note 2
See Note 2
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150 °C
Board Temperature
125
°C
UL rated max operating temp 130 °C
Transformer Temperature
125
°C
Maximum Baseplate Temperature
100
°C
Applies to baseplated units only
FEATURE CHARACTERISTICS
Switching Frequency
198
220
242
kHz
Regulation and isolation stages
ON/OFF Control (Option P)
Off-State Voltage
-2
0.8
V
On-State voltage
2.7
18
V
ON/OFF Control (Option N)
Off-State Voltage
2.7
18
V
On-State voltage
-2
0.8
V
ON/OFF Control (either Option)
Figures A, B
Pull-Up Voltage
Vin/6
15
V
Pull-Up Resistance
42
kΩ
Output Voltage Trim Range
-20
+10
%
Measured across Pins 9 & 5; Figure C
Output Voltage Remote Sense Range
+10
%
Measured across Pins 9 & 5
Output Over-Voltage Protection
115
120
125
%
Over full temp range; % of nominal Vout
Over-Temperature Shutdown OTP Trip Point
120
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
Load Current Scale Factor
1200
See App Note: Output Load Current Calc.
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia) TR-NWT-000332
2.13
106 Hrs. 75% load, 300LFM, 40 °C Ta
Calculated MTBF (MIL-217) MIL-HDBK-217F
1.3
106 Hrs. 75% load, 300LFM, 40 °C Ta
Field Demonstrated MTBF
106 Hrs. See our website for details
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor application support e-mail: support@synqor.com
Note 2: Higher values of isolation capacitance can be added external to the module.


Similar Part No. - PQ50050HPB50NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
PQ50073HZB60NNS-G SYNQOR-PQ50073HZB60NNS-G Datasheet
2Mb / 12P
   Active back bias limit
PQ50090QGB11 SYNQOR-PQ50090QGB11 Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
PQ50090QGB11NNS SYNQOR-PQ50090QGB11NNS Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
More results

Similar Description - PQ50050HPB50NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120EKX04 SYNQOR-PQ60120EKX04 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ60015EKX25 SYNQOR-PQ60015EKX25 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com