Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ24050QGw20xyz Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ24050QGw20xyz
Description  Industry standard pin-out configuration
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24050QGw20xyz Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ24050QGw20xyz Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Product # PQ24018QGx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG218D Rev. B
04/09/13
Page 7
Input:
Output:
Current:
Package:
18 - 36V
1.8V
25A
Quarter-brick
0
5
10
15
20
25
0
25
40
55
70
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 7: Maximum output power derating curves vs. ambient air temperature
for airflow rates of 0 LFM through 400 LFM with air flowing lengthwise from
output to input (nominal input voltage).
Figure 8: Thermal plot of converter at 25 amp load current with 55°C air
flowing at the rate of 200 LFM. Air is flowing across the converter from output
to input (nominal input voltage).
Figure 9: Turn-on transient at full load (resistive load) (2 ms/div).
Ch 1: Vout (500mV/div) Ch 2: ON/OFF input (5V/div)
Figure 10: Turn-on transient at zero load (2 ms/div). Ch 1: Vout (500mV/div).
Ch 2: ON/OFF input (5V/div).
Figure 11: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.1A/µs). Load cap: 10µF, 100 mΩ ESR tantalum cap
and 1µF ceramic cap. Ch 1: Vout (100mV/div), Ch 2: Iout (10A/div).
Figure 12: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max): dI/dt = 5A/µs). Load cap: 470µF, 30 mΩ ESR tantalum cap
and 1µF ceramic cap. Ch 1: Vout (100mV/div), Ch 2: Iout (10A/div).
Technical Figures


Similar Part No. - PQ24050QGw20xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24050QGA20 SYNQOR-PQ24050QGA20 Datasheet
546Kb / 13P
   Quarter-brick DC/DC Converter
PQ24050QGA20NKS SYNQOR-PQ24050QGA20NKS Datasheet
546Kb / 13P
   Quarter-brick DC/DC Converter
PQ24050QGA20NNS SYNQOR-PQ24050QGA20NNS Datasheet
546Kb / 13P
   Quarter-brick DC/DC Converter
PQ24050QGA20NRS SYNQOR-PQ24050QGA20NRS Datasheet
546Kb / 13P
   Quarter-brick DC/DC Converter
PQ24050QGA20NYS SYNQOR-PQ24050QGA20NYS Datasheet
546Kb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ24050QGw20xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
   Industry standard pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com