Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQME-270L Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # MQME-270L
Description  Soft-Start circuitry to limit in-rush charging currents
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270L Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  MQME-270L Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Product # MQME-28-T
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME028T Rev. H
05/27/16
Page 5
Current: 20A
MQME-28-T
Technical Specification
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
0.01
0.1
1
10
100
1000
10000
100000
Frequency (kHz)
Common Mode
Differential Mode
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Frequency (kHz)
Figure 2: Typical Output Impedance (magnitude) of the filter looking
back into its output pins with the input pins connected to a source
with zero source impedance.
Figure 1: Typical Common Mode and Differential Mode Attenuation
provided by the filter as a function of frequency. Both input lines are
connected to chassis ground through 50Ω resistors. The filter case is
also connected to chassis ground.
Figure 3: MIL-STD-461E Method CE101 Low Frequency Conducted
Emissions. Limit line (in red) is the ‘Submarine Applications DC Curve’.
See MIL-STD-461 Compliance Matrix Table for test setup.
Figure 4: MIL-STD-461E Method CE102 High Frequency Conducted
Emissions. Limit line (in red) is the ‘Basic Curve’. See MIL-STD-461
Compliance Matrix Table for test setup.
Figure 5: MIL-STD-461E Method RE101 Low Frequency Radiated
Emissions. Limit line (in red) is the ‘Standard Curve’ from MIL-STD-
461C Method RE01, which is more strict than all RE101 limits. See
MIL-STD-461 Compliance Matrix Table for test setup.
Figure 6: MIL-STD-461E Method RE102 High Frequency Radiated
Emissions. Limit line (in red) is the ‘Submarine External to Pressure
Hull Curve’. See MIL-STD-461 Compliance Matrix Table for test setup.


Similar Part No. - MQME-270L

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-270L SYNQOR-MQME-270L Datasheet
7Mb / 17P
   10 amps output current
MQME-270L SYNQOR-MQME-270L Datasheet
7Mb / 17P
   Very low DC resistance
MQME-270L SYNQOR-MQME-270L Datasheet
6Mb / 13P
   Very low DC resistance
MQME-270L SYNQOR-MQME-270L Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQME-270L SYNQOR-MQME-270L Datasheet
7Mb / 18P
   Input over-voltage shutdown
More results

Similar Description - MQME-270L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9750 VISHAY-SI9750_05 Datasheet
95Kb / 8P
   In-Rush Current Limit MOSFET Driver
Rev. D, 19-Apr-04
SI9750 VISHAY-SI9750 Datasheet
184Kb / 9P
   In-Rush Current Limit MOSFET Driver
Rev. C, 05-Apr-99
logo
Richtek Technology Corp...
RT4723 RICHTEK-RT4723 Datasheet
1Mb / 15P
   Built-in Soft-Start
logo
Dialog Semiconductor
SLG59M1717V DIALOG-SLG59M1717V Datasheet
526Kb / 22P
   Capacitor adjustable Start-up and In-rush Current Control
logo
Unisonic Technologies
UD05121G-AF5-R UTC-UD05121G-AF5-R Datasheet
243Kb / 7P
   Build-in soft start function
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
   Soft-Start Circuit
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
   Soft start valve
3/31/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com