Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ04T33VMA16 Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # NQ04T33VMA16
Description  On-board input and output filter capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04T33VMA16 Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  NQ04T33VMA16 Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04T33VMA16 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Product # NQ04T33VMA16
Phone 1-888-567-9596
Doc.# 005-2NV4T3E Rev. B
7/6/04
Page 2
 
3.0 - 5.5Vin 16A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
Pin No. Name
Function
1
Vout(+)
Positive output voltage
2
Vout(+)
Positive output voltage
3
SENSE(+)
Positive remote sense
4
Vout(+)
Positive output voltage
5
Common
A
I share
Current share*
6
Common
7
Vin(+)
Positive input voltage
8
Vin(+)
Positive input voltage
10
TRIM1
Output voltage trim (trim-up only)
11
ON/OFF2
LOGIC input to turn the converter
on and off.
NOTES
1) All pins are 0.025” (0.64mm) +/- 0.003 (0.076mm) square.
2) All Pins: Material - Copper Alloy
Finish - Tin over Nickel plate
3) Vertical, horizontal, vertical with reverse pins and surface
mount options (future) available.
4) Undimensioned components are shown for visual
reference only.
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Weight: 0.30 oz. (9.4 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II






























 
 


  
  
 




   
  
 
 
 
 
PIN DESIGNATIONS
MECHANICAL
DIAGRAM

Pin Connection Notes:
1. Pin 10 - for fixed resistors, connect between Trim and
Common (Ground).
2. Pin 11 - see section on Remote ON/OFF pin for descrip-
tion of enable logic options.
Pins in Italics Shaded text are Optional
* Contact factory for availability of current share modules.
  

 
 


Product#NQ04T33VMA16
Phone1-888-567-9596
www.synqor.com
Doc.#005-2NV4T3E
Rev.C
03/22/2010
Page2


Similar Part No. - NQ04T33VMA16

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33VMA16NRN SYNQOR-NQ04T33VMA16NRN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NRS SYNQOR-NQ04T33VMA16NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NVN SYNQOR-NQ04T33VMA16NVN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NVS SYNQOR-NQ04T33VMA16NVS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16ORN SYNQOR-NQ04T33VMA16ORN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
More results

Similar Description - NQ04T33VMA16

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
logo
Maxim Integrated Produc...
MAX11103EVKIT MAXIM-MAX11103EVKIT Datasheet
6Mb / 39P
   On-Board Input Buffers
Rev 0; 1/11
logo
Bothhand USA, LP.
ST1LF BOTHHAND-ST1LF Datasheet
186Kb / 2P
   Input Filter With Internal Capacitor
logo
STMicroelectronics
X-NUCLEO-PLC01A1 STMICROELECTRONICS-X-NUCLEO-PLC01A1 Datasheet
271Kb / 7P
   Industrial input/output expansion board based on VNI8200XP and CLT01-38SQ7 for STM32 Nucleo
July 2015 Rev 1
logo
List of Unclassifed Man...
EQ6-40 ETC-EQ6-40 Datasheet
836Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
logo
Marki Microwave
EQ6-26 MARKIMICROWAVE-EQ6-26 Datasheet
850Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
EQ3-26 MARKIMICROWAVE-EQ3-26 Datasheet
869Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
EQ3-40 MARKIMICROWAVE-EQ3-40 Datasheet
903Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
logo
AIMTEC
AMES15-MAZ AIMTEC-AMES15-MAZ_16 Datasheet
543Kb / 5P
   Screw Terminals on Input & Output
AMES15-MAZ-1 AIMTEC-AMES15-MAZ-1_16 Datasheet
543Kb / 5P
   Screw Terminals on Input & Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com