Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQME-28E Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # MQME-28E
Description  Input over-voltage shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28E Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  MQME-28E Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Product # MQME-28E-T6
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006011 Rev. C
05/27/16
Page 4
Current: 20A
MQME-28E-T6
Technical Specification
MQME-28E-T6 ELECTRICAL CHARACTERISTICS
Parameter
Min. Typ. Max. Units Notes & Conditions
Group A
Specifications subject to change without notice
Vin=28V DC ±5%, Pout=320W, unless otherwise specified
Subgroup3
INPUT VOLTAGE SURGE SUPPRESSION
Output Voltage Deviation due to a Surge
Input Surge Voltage and Duration
60 V, 550 ms, Rs* = 0 Ω
60
V
Output not clamped, within continuous operation
80 V, 100 ms, Rs* = 0 Ω
70
78
V
MIL-HDBK-704A; RTCA/DO-160E
100 V, 80 ms, Rs* = 0 Ω
70
78
V
MIL-STD-1275B/D; DEF-STAN 61-5
110 V, 5 ms, Rs* = 0 Ω
70
78
V
DEF-STAN 61-5
202 V, 350 ms, Rs* = 0 Ω
0
78
V
MIL-STD-1275B/D; DEF-STAN 61-5 (Part 6)/6, see Note 5
ISOLATION CHARACTERISTICS
Input Voltage (any pin to case)
Continuous
-500
500
V
1
Transient (≤ 100 µs)
-800
800
V
Isolation Resistance (any pin to case)
100
1
FEATURE CHARACTERISTICS
Enable Input
Off-State Voltage
-0.5
0.8
V
1
Off-State Voltage Pulldown Current
80
µA
Current drain required to ensure logic low
On-State Voltage
2.0
50
V
1
On-State Pine Leakage Current
20
µA
Imax drawn from pin allowed, module on
Pull-Up Voltage
3.2
4
4.5
V
See Figure A
1
Enable Output
Off-State Resistance
17
Ω
1
Off-State Voltage
-100
mV
On-State Voltage
2
35
V
On-State Leakage Current
20
µA
1
Standby Input
Normal-State Voltage
0
3.5
V
Standby-State Voltage
4
5
V
Pull-Up Voltage
5
V
Pull-Up Resistance
50
Under Voltage Lockout
Turn-On Input Voltage Threshold
15.0
15.5
16.0
V
1
Turn-Off Output Voltage Threshold
2.0
3.0
4.0
V
1
Output Power Limit (continuous)
450
W
1
RELIABILITY CHARACTERISTICS
Calculated MTBF (MIL-STD-217F2)
GB @ Tcase = 70ºC
14.8
106 Hrs.
AIF @ Tcase = 70ºC
0.69
106 Hrs.
WEIGHT CHARACTERISTICS
Device Weight
79
g
Electrical Characteristics Notes
1. While the filter will survive these input voltage limits, the filter’s output voltage will be outside the limits for an MQFL converter input voltage range.
2. Verified by qualification testing and analysis.
3. Only the ES and HB grade products are tested at three temperatures. The C grade products are tested at one temperature. Please refer to the
Construction and Environmental Stress Screening Options table for details.
4. Soft start is engaged only when the output voltage starts from zero or dips below the Turn-Off Output Voltage Threshold (4V max).
5. Module will shut down per Figure E.
6. Shutdown and Restart if the input voltage goes below the UVLO value or above 84V.
7. The specified operating case temperature for ES grade products is -45°C to 100°C. The specified operating case temperature for C grade products is
0°C to 70°C.
* Rs = Source Impedance


Similar Part No. - MQME-28E

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28E SYNQOR-MQME-28E Datasheet
7Mb / 17P
   10 amps output current
MQME-28E SYNQOR-MQME-28E Datasheet
7Mb / 17P
   Very low DC resistance
MQME-28E SYNQOR-MQME-28E Datasheet
6Mb / 13P
   Very low DC resistance
MQME-28E SYNQOR-MQME-28E Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQME-28E SYNQOR-MQME-28E Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQME-28E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4822A TI-PT4822A Datasheet
751Kb / 34P
[Old version datasheet]   Over-Temperature Shutdown Under-Voltage Lockout
logo
Bel Fuse Inc.
0RQB-50Y12X BEL-0RQB-50Y12X Datasheet
1Mb / 25P
   Input Over-Voltage Lockout
0RQB-50Y05X BEL-0RQB-50Y05X Datasheet
1Mb / 25P
   Input Over-Voltage Lockout
logo
Unisonic Technologies
UD38501G-SH2-R UTC-UD38501G-SH2-R Datasheet
244Kb / 7P
   Input Under/Over Voltage Lockout
UCC36351G-SH2-R UTC-UCC36351G-SH2-R Datasheet
367Kb / 7P
   Input Under/Over Voltage Lockout
logo
Bel Fuse Inc.
0RQB-S0S10 BEL-0RQB-S0S10 Datasheet
760Kb / 18P
   Input Under / Over-Voltage Protection
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
   input surge current, over voltage, over load, and over current protections
logo
Bel Fuse Inc.
0RQB-E0S11B BEL-0RQB-E0S11B Datasheet
550Kb / 13P
   Input Under-Voltage Lockout Output Over-Voltage Protection
logo
MORNSUN Science& Techno...
PV200-27B12 MORNSUN-PV200-27B12 Datasheet
1Mb / 5P
   New energy over wide and over high input voltage isolation converter
PV120-27B12 MORNSUN-PV120-27B12 Datasheet
962Kb / 3P
   New energy over wide and over high input voltage isolation converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com