Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQHE-270 Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # MQHE-270
Description  Very low DC resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQHE-270 Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button MQHE-270 Datasheet HTML 5Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 6Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 7Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 8Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 9Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 10Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 11Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 12Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Product # MQHE-270-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005975 Rev. C
02/05/15
Page 9
Current: 1.0A
MQHE-270-P
Technical Specification
Case U
Case W
PIN DESIGNATIONS
Pin # Function
1
Positive input
2
Positive input
3
Positive input
4
Input return
5
Input return
6
Input return
7
Output return
8
Output return
9
Output return
10
Positive output
11
Positive output
12
Positive output
NOTES
1)
Case: Aluminum with gold over
nickel plate finish for the C-,
ES-, and HB-Grade products.
2)
Pins:
Diameter: 0.040’’ (1.02mm)
Material: Copper
Finish: Gold over Nickel plate,
followed by Sn/Pb dip
3)
All dimensions in inches (mm)
4)
Tolerances:
a) x.xx +/-0.02 in.
(x.x +/-0.5mm)
b) x.xxx +/-0.010 in.
(x.xx +/-0.25mm)
5)
Weight: 1.6 oz (45.4 g) typical
6)
Workmanship: Meets or exceeds
IPC-A-610C Class III
7)
Pin 1 identification hole, not intended
for mounting


Similar Part No. - MQHE-270

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQHE-270 SYNQOR-MQHE-270 Datasheet
7Mb / 17P
   10 amps output current
MQHE-270 SYNQOR-MQHE-270 Datasheet
7Mb / 17P
   Very low DC resistance
MQHE-270 SYNQOR-MQHE-270 Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQHE-270 SYNQOR-MQHE-270 Datasheet
7Mb / 18P
   Input over-voltage shutdown
MQHE-270 SYNQOR-MQHE-270 Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQHE-270

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-F-28E-P-DM SYNQOR-MCOTS-F-28E-P-DM Datasheet
6Mb / 9P
   Very low DC resistance
MCOTS-F-48-P-QT SYNQOR-MCOTS-F-48-P-QT Datasheet
3Mb / 10P
   Very low DC resistance
MQHE-28-P SYNQOR-MQHE-28-P Datasheet
7Mb / 17P
   Very low DC resistance
logo
STMicroelectronics
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
   Very low on-resistance
November 2014 Rev 3
STL25N15F3 STMICROELECTRONICS-STL25N15F3 Datasheet
642Kb / 12P
   Very low thermal resistance
March 2009 Rev 1
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
   Very low on-resistance
June 2015 Rev 3
logo
SynQor Worldwide Headqu...
MACF-U-230-ET SYNQOR-MACF-U-230-ET Datasheet
5Mb / 9P
   Very low series resistance
logo
STMicroelectronics
STT3P2UH7 STMICROELECTRONICS-STT3P2UH7 Datasheet
563Kb / 13P
   Very low on-resistance
September 2016 Rev 3
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
   Very low on-resistance
March 2014 Rev 2
STD15P6F6AG STMICROELECTRONICS-STD15P6F6AG Datasheet
643Kb / 15P
   Very low on-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com