Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQHE-270 Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # MQHE-270
Description  Very low DC resistance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQHE-270 Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button MQHE-270 Datasheet HTML 5Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 6Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 7Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 8Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 9Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 10Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 11Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 12Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Product # MQHE-28-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005267 Rev. G
05/27/16
Page 9
Current: 10A
MQHE-28-P
Technical Specification
VOLTAGE SURGE AND SPIKE COMPLIANCE MATRIX
These tables show the Voltage Surge and Spike requirements/limits that have been met* by a stand-alone setup comprised of:
- MQME-28-P (or –T) Filter
- MQFL-28-05S DC/DC Converter
- 120W Resistive Load
- Metal Chassis Plane
* Surge/spike requirements/limits are deemed to have been met as long as transient deviations in the converter’s output voltage
remain within ±10% of its initial value.
§ These are defined as the maximum disturbances that equipment can inflict upon the power system, not as disturbances imposed
upon utilization equipment. To ensure compatablitily, however, these are within the designed stress envelope of the indicated filters &
converters.
† For the DEF STAN 61-5 specification:
1) Negative surges require reverse voltage protection circuitry to protect the converter (but not the filter) from a negative input.
This circuitry is included in the MQME-28-T but not the MQME-28-P and MQHE-28-P filters.
2) The negative surges may cause the converter to shut down unless additional holdup capacitance is included.
3) Maximum spike voltages are assumed to last <1µs
Vehicle 28Vin
Part
Worst Case Over-Voltage Surge
(Voltage/Duration)
Short Duration Spikes
(Voltage/Duration/Impedance)
MIL-STD-1275D
(Gen. + Bat.)
40V / 50ms
±250V / 15mJ / 0.5Ω
(Bat. only)
100V / 50ms
(Gen. only)
100V / 50ms
DEF STAN 61-5 (PART 6)/5†
(Gen. + Bat.)
40V / 50ms
+130V to -100V max §
+90V to -60V / 10µs §
+70V to -40V / 5ms §
(Bat. Only)
+70V to -40V / 5ms §
(Bat. Only, Non-Regen. Ld. Sw.)
80V / 80ms §
(Bat. Only, Regen. Ld. Sw.)
40V / 50ms
(Gen. only)
80V / 80ms §
100V / 50ms
+110V to -50V / 5ms §
+280V to -220V max §
+130V to -70V / 10µs §
DEF STAN 61-5 (PART 6)/6†
DIT08.B, DIT07.B
+174V / 350ms
±200V / 200ns / 50Ω
DET03.A
40V / 50ms §
+90V to -60V / 10µs §
DET04.A
+70V to -40V / 1ms §
DIT04.A
+110V / 300ms §
Aircraft 28Vin
Part
Worst Case Over-Voltage Surge
(Voltage/Duration)
Short Duration Spikes
(Voltage/Duration/Impedance)
MIL-HDBK-704-8
(704A)
80V / 50ms
N/A
60V / 550ms
(704B, C, D, E, F)
50V / 50ms
RTCA/DO-160E
(Cat A)
47V / 100ms
±600V / 10µs / 50Ω
38V / 1s
(Cat B)
60V / 100ms
±200V / 10µs / 50Ω
40V / 1s
(Cat C)
80V / 100ms
N/A
48V / 1s
Met by any Hi-Rel Filter
Met by an MQME-28-T Filter having the Transient Suppression
and Reverse Polarity Protection Features
Met by MQME-28E-T6 Filter Only:
Performance Criteria C


Similar Part No. - MQHE-270

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQHE-270 SYNQOR-MQHE-270 Datasheet
7Mb / 17P
   10 amps output current
MQHE-270 SYNQOR-MQHE-270 Datasheet
6Mb / 13P
   Very low DC resistance
MQHE-270 SYNQOR-MQHE-270 Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQHE-270 SYNQOR-MQHE-270 Datasheet
7Mb / 18P
   Input over-voltage shutdown
MQHE-270 SYNQOR-MQHE-270 Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQHE-270

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-F-28E-P-DM SYNQOR-MCOTS-F-28E-P-DM Datasheet
6Mb / 9P
   Very low DC resistance
MCOTS-F-48-P-QT SYNQOR-MCOTS-F-48-P-QT Datasheet
3Mb / 10P
   Very low DC resistance
MQHE-270-P SYNQOR-MQHE-270-P Datasheet
6Mb / 13P
   Very low DC resistance
logo
STMicroelectronics
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
   Very low on-resistance
November 2014 Rev 3
STL25N15F3 STMICROELECTRONICS-STL25N15F3 Datasheet
642Kb / 12P
   Very low thermal resistance
March 2009 Rev 1
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
   Very low on-resistance
June 2015 Rev 3
logo
SynQor Worldwide Headqu...
MACF-U-230-ET SYNQOR-MACF-U-230-ET Datasheet
5Mb / 9P
   Very low series resistance
logo
STMicroelectronics
STT3P2UH7 STMICROELECTRONICS-STT3P2UH7 Datasheet
563Kb / 13P
   Very low on-resistance
September 2016 Rev 3
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
   Very low on-resistance
March 2014 Rev 2
STD15P6F6AG STMICROELECTRONICS-STD15P6F6AG Datasheet
643Kb / 15P
   Very low on-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com