Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQME-28 Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # MQME-28
Description  10 amps output current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28 Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  MQME-28 Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Product # MQHE-28E-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005151 Rev. G
05/27/16
Page 3
Current: 10A
MQHE-28E-P
Technical Specification
MQHE-28E-P ELECTRICAL CHARACTERISTICS
Parameter
Min. Typ. Max. Units Notes & Conditions
Group A
Specifications subject to change without notice
Vin=28V DC ±5%, Iout= 10A unless otherwise specified Subgroup
(See Note 3)
ABSOLUTE MAXIMUM RATINGS
Input Voltage
See Note 1
Continuous
-100
100
V
Transient (≤1 s)
-200
200
V
Isolation Voltage (Input/Output to case)
Continuous
-500
500
V
Transient (≤1 s)
-1000
1000
V
Output Current
10
A
Operating Case Temperature
-55
125
°C
HB Grade Products, See Note 4
Storage Case Temperature
-65
135
°C
Lead Temperature (20 s)
300
°C
ELECTRICAL CHARACTERISTICS
Input Voltage
See Note 1
Continuous
-70
70
V
1, 2, 3
Transient (≤1 s, Rs* = 0 Ω)
-80
80
V
Transient (≤100 ms, Rs* = 0 Ω)
-100
100
V
Output Voltage (continuous)
Vout = Vin - (Iin x Rdc)
V
1, 2, 3
Output Current (continuous)
10
A
1, 2, 3
DC Resistance RDC
TCASE = 25°C
40
1
TCASE = 125°C
60
3
Power Dissipation (10A output current)
TCASE = 25°C
4
W
TCASE = 125°C
6
W
1, 2, 3
Total Differential-Mode Capacitance
54
µF
Measured across input or output pins
Total Common-Mode Capacitance
0.29
µF
Measured between any pin to case
Bulk Capacitor
41
µF
Damping Resistor
0.3
Ω
Noise Attenuation
See Figure 1
INPUT VOLTAGE SPIKE SUPPRESSION
Output Voltage Deviation due to a Spike
See Note 2
Input Voltage Spike (Centered on Vin)
±250V, 100µs, Emax = 15mJ
-5
5
ΔV
MIL-STD-1275B/D
±600V, 10µs, Rs* = 50Ω
-5
10
ΔV
RTCA/DO-160E
ISOLATION CHARACTERISTICS
Isolation Voltage (any pin to case)
Continuous
-500
500
V
1
Transient (≤ 100 µs)
-800
800
V
Isolation Resistance (any pin to case)
100
1
* Rs = Source Impedance


Similar Part No. - MQME-28

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28 SYNQOR-MQME-28 Datasheet
7Mb / 17P
   Very low DC resistance
MQME-28 SYNQOR-MQME-28 Datasheet
6Mb / 13P
   Very low DC resistance
MQME-28 SYNQOR-MQME-28 Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQME-28 SYNQOR-MQME-28 Datasheet
7Mb / 18P
   Input over-voltage shutdown
MQME-28 SYNQOR-MQME-28 Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQME-28

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
   High Output Current - 10 Amps Peak
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
   High Output Current - 10 Amps Peak
logo
Shanghai Leiditech Elec...
FZT955 LEIDITECH-FZT955 Datasheet
1Mb / 3P
   4 Amps continuous current (10 Amps peak current)
logo
M.S. Kennedy Corporatio...
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
   Output Current - 0.5 Amps Peak
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
logo
List of Unclassifed Man...
2N4301 ETC1-2N4301 Datasheet
93Kb / 2P
   COLLECTOR CURRENT = 10 AMPS NPN TYPES
GNR30DCZ ETC2-GNR30DCZ Datasheet
618Kb / 6P
   Current ratings 10, 20 and 30 amps
logo
Emerson Network Power
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
   10 A output current rating
logo
JMK Inc.
EF-1356-10B JMK-EF-1356-10B Datasheet
51Kb / 1P
   Operating voltage = 115-250vac Operating current = 10 amps
logo
Crydom Inc.,
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com