Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS6-103G-NAR Datasheet(PDF) 4 Page - Copal Electronics

Part # PS6-103G-NAR
Description  PRESSURE SWITCHES WITH GAUGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS6-103G-NAR Datasheet(HTML) 4 Page - Copal Electronics

  PS6-103G-NAR Datasheet HTML 1Page - Copal Electronics PS6-103G-NAR Datasheet HTML 2Page - Copal Electronics PS6-103G-NAR Datasheet HTML 3Page - Copal Electronics PS6-103G-NAR Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OUTLINE DIMENTIONS
Unless otherwise specified, tolerance :
± 0.5 (Unit: mm)
PS6
PRESSURE SWITCHES WITH GAUGE
Polyacetal
Polycarbonate
Mounting hole
2 –
3.3
φ
4-core shielded cable
L = 1500 50
AWG26 ULNo.2844
(
3.8)
φ
52.5
8.5
4.5
R1/8
10
Pressure port
M5 depth 5
Hysteresis setting VR
※Used to set the switch 2 for two-switch output model
Recommended adjusting torque 30 mN·m maximum
Display selector switch (ME/SW)
※For two-output switch (ME/S1/S2)
Recommended adjusting torque 25 mN·m maximum
Switch status LED 1 (Red)
Switch status LED 2 (Green)
※Only for two-switch output model
Pressure indication
Pressure setting VR
※Used to set the switch 1 for two-output type
Recommended adjusting torque 30 mN·m maximum
Polyacetal
Polycarbonate
Mounting hole
2 –
3.3
φ
52.5
4.5
10
5
Pressure port
M5 Depth
5
2 – M3
Depth 4.5
Pressure indication
Switch status LED 1 (Red)
Switch status LED 2 (Green)
※Only for two-switch output model
Display selector switch (ME/SW)
※For two-output switch (ME/S1/S2)
Recommended adjusting torque 25 mN·m maximum
Hysteresis setting VR
※Used to set the switch 2 for two-switch output model
Recommended adjusting torque 30 mN·m maximum
Pressure setting VR
※Used to set the switch 1 for two-switch output model
Recommended adjusting torque 30 mN·m maximum
4-core shielded cable
L = 1500 50
AWG26 ULNo.2844
(
3.8)
φ
O R type (NAR, PAR, NWR, PWR)
O M type (NAM, PAM, NWM, PWM)
Wire color
Brown
Black
White
Blue
Shield
Connection
Power
B
Switch output
Analog output
Common
N.C.
PS6 (NAM,NAR, PAM, PAR)
Wire color
Brown
Black
White
Blue
Shield
Connection
Power
B
Switch output 1
Switch output 2
Common
N.C.
PS6 (NWM, NWR, PWM, PWR)


Similar Part No. - PS6-103G-NAR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PS6 DBLECTRO-PS6 Datasheet
365Kb / 2P
   Monostable or bistable relays Single and double Coil magnet latching Type available
logo
Copal Electronics
PS6 COPAL-PS6 Datasheet
1Mb / 4P
   ELECTRONIC PRESSURE SWITCH
logo
Altech corporation
PS60 ALTECH-PS60 Datasheet
128Kb / 1P
   60W Single Phase DIN Rail Power Supply PS-60 Series
logo
Bi technologies
PS60 BITECH-PS60 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
Copal Electronics
PS60 COPAL-PS60 Datasheet
2Mb / 7P
   CONPOUND PRESSURE SWITCH
More results

Similar Description - PS6-103G-NAR

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS60 COPAL-PS60_16 Datasheet
96Kb / 4P
   PRESSURE SWITCHES WITH GAUGE
PS30 COPAL-PS30_16 Datasheet
744Kb / 4P
   PRESSURE SWITCHES WITH GAUGE
logo
Festo Corporation.
548010 FESTO-548010 Datasheet
104Kb / 2P
   Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
   Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
   Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
   Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
   Pressure gauge
8/10/22
9791 FESTO-9791 Datasheet
87Kb / 1P
   Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
   Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
   Pressure gauge
8/10/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com