Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4447ADY Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI4447ADY
Description  P-Channel 40 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4447ADY Datasheet(HTML) 8 Page - Vishay Siliconix

  SI4447ADY Datasheet HTML 1Page - Vishay Siliconix SI4447ADY Datasheet HTML 2Page - Vishay Siliconix SI4447ADY Datasheet HTML 3Page - Vishay Siliconix SI4447ADY Datasheet HTML 4Page - Vishay Siliconix SI4447ADY Datasheet HTML 5Page - Vishay Siliconix SI4447ADY Datasheet HTML 6Page - Vishay Siliconix SI4447ADY Datasheet HTML 7Page - Vishay Siliconix SI4447ADY Datasheet HTML 8Page - Vishay Siliconix SI4447ADY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72606
22
Revision: 21-Jan-08
RECOMMENDED MINIMUM PADS FOR SO-8
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.172
(4.369)
0.028
(0.711)
0.050
(1.270)
0.022
(0.559)
Return to Index
Return to Index


Similar Part No. - SI4447ADY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4447ADY VISHAY-SI4447ADY Datasheet
218Kb / 9P
   P-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI4447ADY VISHAY-SI4447ADY Datasheet
218Kb / 9P
   P-Channel 40 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4447ADY-T1-GE3 VBSEMI-SI4447ADY-T1-GE3 Datasheet
1,003Kb / 9P
   P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4447ADY-T1-GE3 VISHAY-SI4447ADY-T1-GE3 Datasheet
218Kb / 9P
   P-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI4447ADY VISHAY-SI4447ADY_V01 Datasheet
218Kb / 9P
   P-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4447ADY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Jan-08
logo
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
AFP4637WS8RG VBSEMI-AFP4637WS8RG Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com