Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPFC-U-390-QP Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # MPFC-U-390-QP
Description  Auxiliary 10V bias supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MPFC-U-390-QP Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button MPFC-U-390-QP Datasheet HTML 4Page - SynQor Worldwide Headquarters MPFC-U-390-QP Datasheet HTML 5Page - SynQor Worldwide Headquarters MPFC-U-390-QP Datasheet HTML 6Page - SynQor Worldwide Headquarters MPFC-U-390-QP Datasheet HTML 7Page - SynQor Worldwide Headquarters MPFC-U-390-QP Datasheet HTML 8Page - SynQor Worldwide Headquarters MPFC-U-390-QP Datasheet HTML 9Page - SynQor Worldwide Headquarters MPFC-U-390-QP Datasheet HTML 10Page - SynQor Worldwide Headquarters MPFC-U-390-QP Datasheet HTML 11Page - SynQor Worldwide Headquarters MPFC-U-390-QP Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MPFC-U-390-QP
Input:85-264Vrms
Output:390Vdc
Power:350W
Product # MPFC-U-390-QP
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006726 Rev. B
03/30/2016
Page 8
BasicOperation&Features
The MPFCQor power factor correction module is an
essential building block of an overall high power AC-DC
power supply. As shown in Fig. A, a typical power supply
would be comprised of a SynQor MCOTS AC Line Filter,
a SynQor MPFCQor module, an energy storage hold-up
capacitor and one or more SynQor MCOTS DC-DC
converters, depending on how many output voltages are
required. Fuses are needed in various places to meet safety
requirements.
The primary purpose of the MPFCQor is to shape the input
current that is drawn from a single-phase sinusoidal AC source
into a nearly perfect sinusoidal waveform so that the AC-DC
power supply will present a very high power factor load (PF >
0.99) to this source. In doing this wave-shaping, the MPFCQor
ensures that the harmonic components of the AC current
waveform are below the levels called for in MIL-STD-1399. The
total harmonic distortion of the AC current waveform is less than
8%.
The MPFCQor accomplishes its wave-shaping task by first
rectifying the filtered AC source voltage, and then processing the
input power through a non-isolated, high-efficiency, high-
frequency “boost converter” that both gives the input AC current
its sinusoidal shape and provides a regulated DC voltage across
the hold-up capacitor.
The hold-up capacitor handles the cyclic imbalance between
the flow of energy drawn from the AC source and the flow of
energy delivered to the DC-DC converters.
This energy
imbalance has a cyclic frequency twice that of the AC source
voltage (e.g. 120Hz for a 60Hz input). This relatively low
frequency makes the hold-up capacitor relatively large. Another
purpose of the hold-up capacitor is to be a source of energy so
that the DC-DC converters can continue to deliver load power
during a temporary brownout or dropout of the AC source. A
typical power supply will have sufficient hold-up capacitor to
give a “hold-up time” in the 20ms range, but longer times can be
achieved with yet more hold-up capacitance.
Besides shaping the AC current waveform, the MPFCQor
performs several other important functions. At start-up it controls
the level of inrush current drawn from the AC source to charge the
hold-up capacitor. It limits the DC current that can be drawn from
its output and it will shut-down if a short circuit appears across the
output. It will also shut-down if the AC input voltage is out of its
range (either too high or too low) for too long, or if the temperature
of the module is too high.
In addition, the MPFCQor has input and output control signals
that include PFC_ENABLE, and LOAD_ENABLE, (which doubles
as a POWER_OUT_GOOD signal). Both signals are described in
more detail below. There is also an auxiliary bias supply that can
be used to power a low power control circuit at the output of the
MPFCQor .
StartUp Sequence
When the AC source voltage is first applied, regardless of
whether the MPFCQor is enabled or disabled through its
PFC_ENABLE
pin, the MPFCQor will pre-charge the
output hold-up capacitor with a current limited to
approximately 50mA. This pre-charging continues until
the output voltage is within approximately 10V of the peak
voltage of the AC source. If, at this time, the PFC_ENABLE
input is logically high, and the MPFCQor is therefore
disabled, the MPFCQor will remain in this pre-charged
state indefinitely.
NOTE: During both this pre-charging time and for
whatever time afterwards that the MPFCQor remains disabled
it is essential that all the load converters connected to the
output of the MPFCQor be disabled so that the total load
current seen by the MPFCQor is only a small fraction of the
50mA charging current. To help facilitate this requirement,
the MPFCQor’s LOAD_ENABLE output can be used to
disable the load converters.
When the PFC_ENABLE input pin is pulled low, and after
the pre-charging is completed if it is not already, the boost
converter within the MPFCQor will start operating and the
MPFCQor ’s output voltage will be increased to its nominal
regulated value.
After this regulated voltage level is achieved, the MPFCQor
will provide a logical low signal on its LOAD_ENABLE output
pin. This signal should be used to enable the load converters so
that they can begin to draw power from the MPFCQor .
If the PFC_ENABLE input is de-asserted (pulled high or
allowed to float), the boost converter in the MPFCQor will shut
down and the LOAD_ENABLE output pin will return to a logic
high. This will then disable the load converters.
NOTE: The voltage across the hold-up capacitor will remain in
a charged state after the MPFCQor is disabled as long as the AC
source voltage is present.
Application Section


Similar Part No. - MPFC-U-390-QP

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MPFC-U-390-HP SYNQOR-MPFC-U-390-HP Datasheet
6Mb / 18P
   Auxiliary 10V bias supply
More results

Similar Description - MPFC-U-390-QP

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MPFC-U-390-HP SYNQOR-MPFC-U-390-HP Datasheet
6Mb / 18P
   Auxiliary 10V bias supply
logo
Texas Instruments
LM5036 TI1-LM5036 Datasheet
3Mb / 57P
[Old version datasheet]   Half-Bridge PWM Controller with Integrated Auxiliary Bias Supply
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
[Old version datasheet]   LCD Bias Supply
logo
EnOcean GmbH.
LEDRU-W-AU ENOCEAN-LEDRU-W-AU Datasheet
3Mb / 2P
   LED Relay Zone Controller 0-10V with Auxiliary Wired Occupancy
V1.5
logo
Power Integrations, Inc...
DI-133 POWERINT-DI-133 Datasheet
334Kb / 2P
   Non-isolated Induction Cooktop Auxiliary Supply
logo
Intersil Corporation
ISL6719 INTERSIL-ISL6719 Datasheet
177Kb / 9P
   100V Linear Bias Supply
logo
Renesas Technology Corp
ISL6719 RENESAS-ISL6719 Datasheet
492Kb / 9P
   100V Linear Bias Supply
logo
Intersil Corporation
ISL6719ARZ INTERSIL-ISL6719ARZ Datasheet
304Kb / 9P
   100V Linear Bias Supply
July 15, 2014
logo
M.S. Kennedy Corporatio...
MSK0008 MSK-MSK0008_15 Datasheet
122Kb / 5P
   Single Supply Operation From 10V to 45V
logo
Hotchip Technology Co.,...
HT3402S HOTCHIP-HT3402S Datasheet
1Mb / 11P
   Wide Input Supply Range: 10V to 40V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com