Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPFC-115-270-QP Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # MPFC-115-270-QP
Description  Internal inrush current limit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MPFC-115-270-QP Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button MPFC-115-270-QP Datasheet HTML 7Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 8Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 9Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 10Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 11Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 12Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 13Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 14Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 15Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MPFC-115-270-QP
Input:85-180Vrms
Output:270Vdc
Power:350W
Product # MPFC-115-270-QP
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006727 Rev. B
03/31/2016
Page 11
Output Current Limit and Short-Circuit
Shutdown:
If the MPFCQor’s output is overloaded such that its output
current limit becomes activated, the output voltage will fall
as the excess load current discharges the hold-up capacitor.
The MPFCQor will continue to deliver power into this
overload condition for 100 ms, after which the unit will
shut down and automatically return to the beginning of the
startup sequence described above. If at any point the
output voltage falls below the peak of the AC source
voltage, the MPFCQor will immediately shut down and
return to the startup sequence.
Over Temperature:
If the internal temperature of the MPFCQor reaches
130°C, the MPFCQor will turn off its boost converter.
The LOAD_ENABLE output will simultaneously be de-
asserted high. When the internal temperature falls below
110°C, the MPFCQor will return to the beginning of the
startup sequence described above.
Energy Storage Hold-Up Capacitor
The hold-up capacitor performs two functions:
• It handles the cyclic imbalance between the flow of energy
drawn from the AC source and the flow of energy delivered to
the DC-DC converters. In doing so, the voltage across the
hold-up capacitor has a ripple at a frequency twice that of the
AC source voltage (e.g. 120Hz for a 60Hz input). The larger
the hold-up capacitor, or the higher the frequency of the AC
source, the smaller this ripple will be.
• It provides a source of energy so that the DC-DC converters
can continue to deliver load power during a temporary
brownout or dropout of the AC source. The larger the hold-up
capacitor the longer it can provide this energy. Often it will be
made large enough to allow the load to be gracefully shutdown
after the AC source has been outside of its normal range for a
set amount of time. A typical “hold-up time” would be in the
20 ms range for a 50/60 Hz system.
The total energy stored in a hold-up capacitor having capacitance
C at any given voltage V is:
E = ½CV2
The amount of energy, ∆E, which can be drawn from this
capacitor depends on the capacitor’s starting voltage, Vs, and its
final voltage, Vf, where Vs is the MPFCQor’s nominal regulated
output voltage and Vf is the MPFCQor’s minimum output
voltage limit. This energy equals the amount of power, P, which
the DC-DC converters draw from the hold-up capacitor times the
length of time, ∆t, which it takes for the hold-up capacitor’s
voltage to drop from Vs to Vf. This energy can be equated to the
hold-up capacitance according to the following formula:
∆E = P∆t = ½C(Vs2 - Vf2)
This formula can be rearranged to find the minimum required
value for C to provide the hold-up time desired for a given power
level (note: this power level P is not the load power, but rather
the load power divided by efficiency of the DC-DC converters):
Cmin = 2P∆t ⁄ ( Vs2 - Vf2)
For example, if we assume P = 350W, ∆t = 20ms, Vs =
270V and Vf = 150V, then we would want a hold-up
capacitance of at least 280µF.
NOTE: The MPFCQor is able to operate with a minimum of
100µF of hold-up capacitance, but SynQor recommends at least
660µF if the power system will be required to conform to
lightning surge standards. This is because the MPFCQor relies
on the hold-up capacitor to absorb most of the energy from a
lightning surge.
NOTE: Even though the MPFCQor limits the inrush current
drawn from the AC source during its startup sequence, it will not
necessarily limit this current at the end of a temporary brownout
or dropout of the AC source when the hold-up capacitor’s
voltage has not dropped below its minimum output voltage limit.
In such a condition the MPFCQor will not reinitiate a startup
sequence and it will therefore not limit the current flowing
through it. If the peak of the AC source voltage is greater than
the hold-up capacitor’s voltage at the end of the
brownout/dropout period, there will be a large inrush current for
one half-cycle as the hold-up capacitor’s voltage is charged up to
the peak of the AC source voltage. The larger the hold-up
capacitor, the larger this inrush current will be. To limit inrush
current during this event, limit the charging current of additional
hold-up capacitance with a resistor and diode as shown below.
If it is desired to have a hold-up time longer than can be
achieved with the maximum specified hold-up capacitance, then
the circuit shown below can be used.
Application Section


Similar Part No. - MPFC-115-270-QP

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MPFC-115-270-HP SYNQOR-MPFC-115-270-HP Datasheet
7Mb / 18P
   700W output power
More results

Similar Description - MPFC-115-270-QP

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PFCU390QPX04 SYNQOR-PFCU390QPX04 Datasheet
2Mb / 16P
   Internal inrush current limit
logo
ETA-USA
AOJS150 ETA-USA-AOJS150 Datasheet
2Mb / 6P
   150W AC/DC Inrush Current Limit
AOJS25 ETA-USA-AOJS25 Datasheet
944Kb / 4P
   25W AC /DC Inrush Current Limit
2014
AOJS75 ETA-USA-AOJS75 Datasheet
2Mb / 6P
   75W AC/DC Inrush Current Limit
AOJS100 ETA-USA-AOJS100 Datasheet
2Mb / 6P
   100W AC/DC Inrush Current Limit
AOJS35 ETA-USA-AOJS35 Datasheet
1Mb / 4P
   35W AC/DC Inrush Current Limit
2018
AOPS30 ETA-USA-AOPS30 Datasheet
901Kb / 2P
   30W AC/DC Inrush Current Limit
logo
Unisonic Technologies
UD05302G-SH2-R UTC-UD05302G-SH2-R Datasheet
133Kb / 4P
   Internal softstart limits the inrush current
logo
STMicroelectronics
LK115 STMICROELECTRONICS-LK115 Datasheet
224Kb / 14P
   Internal current and thermal limit
January 2014 Rev 5
logo
Unisonic Technologies
UD05203G-SH2-R UTC-UD05203G-SH2-R Datasheet
165Kb / 4P
   Internal softstart limits the inrush current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com