Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPFC-115-270-QP Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # MPFC-115-270-QP
Description  Internal inrush current limit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MPFC-115-270-QP Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button MPFC-115-270-QP Datasheet HTML 5Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 6Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 7Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 8Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 9Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 10Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 11Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 12Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MPFC-115-270-QP
Input:85-180Vrms
Output:270Vdc
Power:350W
Product # MPFC-115-270-QP
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006727 Rev. B
03/31/2016
Page 9
Brownout/Dropout Sequence
If the AC source voltage is present but it is below its continuous
minimum input voltage limit, the MPFCQor will still draw
whatever power it can (within its current limits) from the AC
source. This power may not be enough for the total load power,
in which case the hold-up capacitor will provide the balance of
the power. The voltage across the hold-up capacitor will
therefore drop as it discharges.
If the AC source voltage drops below its specified transient
minimum input voltage limit, the MPFCQor’s boost converter
will shut down and no longer deliver power to the output. Under
this condition, all of the load power will be drawn from the hold-
up capacitor.
If and when the voltage across the hold-up capacitor drops
below its specified minimum limit, the LOAD_ENABLE output
will be de-asserted to a logic high. Besides disabling the load
converters, this condition will cause the MPFCQor to return to
the beginning of the startup sequence described above.
NOTE: Regardless of what happens to the MPFCQor’s output
voltage under a brownout or dropout condition, if the AC source
voltage drops below its rated under-voltage value for 1 second or
more, the MPFCQor will shut down.
If, however, the voltage across the hold-up capacitor does not
drop below its specified minimum limit before the AC source
voltage returns to within its continuous operating range (and it
hasn’t been absent for more than 1 second), the MPFCQor will
automatically re-establish its power flow. The hold-up capacitor
will be recharged immediately to the peak of the AC source
voltage (if it has fallen below this value) and to its nominal
regulated voltage level within a few cycles of the AC source
waveform.
NOTE: During the first phase where the hold-up capacitor is
recharged (if this phase exists) there will be an inrush current
drawn from the AC source that depends on the details of how
quickly the AC source voltage returns to its normal operating
condition.
Control Features
Auxiliary Power Supply (AUX) (Pin 5):
The circuit shown below is an effective model for the
AUX
bias power supply:
The purpose of the AUX power supply is to provide a low
level of power to control circuitry at the output of the
MPFCQor, such as the circuits shown earlier in this section.
The AUX power supply is present and regulated
whenever the MPFCQor’s output voltage is greater than
approximately 75V. The AUX bias power supply is
unspecified when MPFCQor’s output voltage is less than
about 75V (it may, for instance, come and go as the
output voltage rises on its way to 75V).
PFC_ENABLE
(Pin 2):
The MPFCQor uses the following circuit for this input
logic signal:
• If this input is floating or tied high the MPFCQor’s boost
converter is disabled and the LOAD_ENABLE output signal
is de-asserted high.
• If this input is pulled low the MPFCQor’s boost is enabled
after the pre-charger has charged the voltage across the
hold-up capacitor to within approximately 10 volts of the
peak of the AC source voltage.
Application Section


Similar Part No. - MPFC-115-270-QP

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MPFC-115-270-HP SYNQOR-MPFC-115-270-HP Datasheet
7Mb / 18P
   700W output power
More results

Similar Description - MPFC-115-270-QP

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PFCU390QPX04 SYNQOR-PFCU390QPX04 Datasheet
2Mb / 16P
   Internal inrush current limit
logo
ETA-USA
AOJS150 ETA-USA-AOJS150 Datasheet
2Mb / 6P
   150W AC/DC Inrush Current Limit
AOJS25 ETA-USA-AOJS25 Datasheet
944Kb / 4P
   25W AC /DC Inrush Current Limit
2014
AOJS75 ETA-USA-AOJS75 Datasheet
2Mb / 6P
   75W AC/DC Inrush Current Limit
AOJS100 ETA-USA-AOJS100 Datasheet
2Mb / 6P
   100W AC/DC Inrush Current Limit
AOJS35 ETA-USA-AOJS35 Datasheet
1Mb / 4P
   35W AC/DC Inrush Current Limit
2018
AOPS30 ETA-USA-AOPS30 Datasheet
901Kb / 2P
   30W AC/DC Inrush Current Limit
logo
Unisonic Technologies
UD05302G-SH2-R UTC-UD05302G-SH2-R Datasheet
133Kb / 4P
   Internal softstart limits the inrush current
logo
STMicroelectronics
LK115 STMICROELECTRONICS-LK115 Datasheet
224Kb / 14P
   Internal current and thermal limit
January 2014 Rev 5
logo
Unisonic Technologies
UD05203G-SH2-R UTC-UD05203G-SH2-R Datasheet
165Kb / 4P
   Internal softstart limits the inrush current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com