Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG-35L-102R-NG2 Datasheet(PDF) 1 Page - Copal Electronics

Part # PG-35L-102R-NG2
Description  PRESSURE GAUGES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-35L-102R-NG2 Datasheet(HTML) 1 Page - Copal Electronics

  PG-35L-102R-NG2 Datasheet HTML 1Page - Copal Electronics PG-35L-102R-NG2 Datasheet HTML 2Page - Copal Electronics PG-35L-102R-NG2 Datasheet HTML 3Page - Copal Electronics PG-35L-102R-NG2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PG-35L
PRESSURE GAUGES
O For high vacuum pressure
O For corrosive gases and liquids compatible with
SUS316L stainless steel diaphragm
O &RPSDFW‡/LJKWZHLJKW‡'ULSSURRIVWUXFWXUH
PPVT‡J‡,3
O Low consumption by nondisplay mode
O 6HWGDWDSURWHFWLRQE\SDQHOORFNIXQFWLRQ
FEATURES
1
2
3
4
5
6
7
Part name
Material
Sensor holder
Sensor module (oil less)
Housing (Aluminum coating)
Fitting
1
23
4
5
6
7
SUS316L
PBT (UL-94-HB)
Adapter
ADC 10, 12
Panel sheet
Polyester (UL746)
Shielded cable
Vinyl chlorid resin (UL2844)
INTERNAL STRUCTURE (9/16-18UNF)
MODEL NUMBER DESIGNATION
P G - 3 5 L - 1 0 2 R - N V C
Series name
Pressure range
102
− 100 ~ 100 kPa
103
− 100 ~ 1000 kPa
Pressure reference
R
:Compound pressure (Negative pressure ~ Positive pressure)
Fitting
R2
:R 1/4
G2
:G 1/4
VC
:9/16 - 18 UNF (Gusket joint)
Switch output interface
N
:NPN open collector
P
:PNP open collector
LIST OF MODEL NUMBERS
Fitting
Switch output
interface
Rated pressure
range
Pressure reference
Gauge
−100 ~ 100 kPa
−100 ~ 1000 kPa
PG-35L-102R-NR2
PG-35L-103R-NR2
A PG-35L-102R-PR2 A PG-35L-103R-PR2
PG-35L-102R-NG2
PG-35L-103R-NG2
A PG-35L-102R-PG2 A PG-35L-103R-PG2
PG-35L-102R-NVC
PG-35L-103R-NVC
A PG-35L-102R-PVC A PG-35L-103R-PVC
R2
(R 1/4)
G2
(G 1/4)
VC
(9/16-18 UNF)
NPN
PNP
NPN
PNP
NPN
PNP
※ Verify the above model numbers when placing orders.
marking
Compatible with
EMC directive
Marked
A is manufactured upon receipt of order basis.


Similar Part No. - PG-35L-102R-NG2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35L COPAL-PG-35L Datasheet
280Kb / 8P
   HIGH VACUUM CORRESPONDENCE
More results

Similar Description - PG-35L-102R-NG2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-20 COPAL-PG-20_16 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-200 COPAL-PG-200_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-208 COPAL-PG-208_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
475040 EXTECH-475040_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
TKG150 EXTECH-TKG150 Datasheet
963Kb / 2P
   Ultrasonic Thickness Gauges
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com