Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS106 Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # CS106
Description  All capacitors are X7R multi-layer ceramic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

CS106 Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  CS106 Datasheet HTML 1Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 2Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 3Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 4Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 5Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 6Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 7Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 8Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Product # MCOTS-F-270-P-QT
Phone 1-888-567-9596
Doc.# 005-0005521
Rev. H
10/20/16
Page 2
MCOTS-F-270-P-QT
Current: 4A
Mil-COTS
EMI FILTER
CM
OUT
CM
IN
Mil-COTS DC/DC
CONVERTER
Mil-COTS DC/DC
CONVERTER
Vin (-)
Vout (-)
Vin (+)
Vout (+)
Vin (-)
Vout (-)
Vin (+)
Vout (+)
Vin (-)
Vout (-)
Vin (+)
Vout (+)
LOAD
LOAD
TO OTHER
LOADS
Typical Connection Diagram
Fundamental Circuit Diagram
Negative
Input
Negative
Output
Positive
Input
Positive
Output
PIN 1
PIN 3
PIN 6
PIN 4
RDAMPING
CBULK
PIN 5
PIN 2
Output-side
Common Mode
Input-side
Common Mode


Similar Part No. - CS106

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CS1060CT-A CITC-CS1060CT-A Datasheet
465Kb / 3P
   10A Low Barrier Diode
More results

Similar Description - CS106

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ040PFQTX30 SYNQOR-IQ040PFQTX30 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
   All capacitors are X7R multi-layer ceramic
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com