Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9408EDN-T1-GE4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG9408EDN-T1-GE4
Description  4- / 8-Channel Analog Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9408EDN-T1-GE4 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG9408EDN-T1-GE4 Datasheet HTML 1Page - Vishay Siliconix DG9408EDN-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix DG9408EDN-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix DG9408EDN-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix DG9408EDN-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix DG9408EDN-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix DG9408EDN-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix DG9408EDN-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix DG9408EDN-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DG9408E, DG9409E
www.vishay.com
Vishay Siliconix
S16-1452-Rev. A, 25-Jul-16
1
Document Number: 75375
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3.2
, Fast Switching Speed, +12 V / +5 V / +3 V / ± 5 V,
4- / 8-Channel Analog Multiplexers
DESCRIPTION
The DG9408E, DG9409E uses BiCMOS wafer fabrication
technology that allows the DG9408E, DG9409E to operate
on single and dual supplies. Single supply voltage
ranges from 3 V to 16 V while dual supply operation is
recommended with ± 3 V to ± 8 V.
The DG9408E is an 8-channel single-ended analog
multiplexer designed to connect one of eight inputs to a
common output as determined by a 3-bit binary address
(A0, A1, A2). The DG9409E is a dual 4-channel differential
analog multiplexer designed to connect one of four
differential inputs to a common dual output as determined
by its 2-bit binary address (A0, A1). Break-before-make
switching action to protect against momentary crosstalk
between adjacent channels.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with lead (Pb)-free device terminations. The DG9408E,
DG9409E are offered in a QFN package that has a
nickel-palladium-gold
device
terminations
and
is
represented by the lead (Pb)-free “-E4” suffix. The
nickel-palladium-gold device terminations meet all the
JEDEC® standards for reflow and MSL ratings.
FEATURES
• 3 V to 16 V single supply or ± 3 V to ± 8 V dual
supply operation
• Low on-resistance - RON: 3.2  typ.
• Fast switching: tON - 36 ns, tOFF - 24 ns
• Break-before-make guaranteed
• Low leakage
• TTL, CMOS, LV logic (3 V) compatible
• 2500 V ESD protection (HBM)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
BENEFITS
• Fast switching speed
• Low switch resistance
• Wide operation voltage range
• Simple logic interface
APPLICATIONS
• Automatic test equipment
• Process control and automation
• Data acquisition systems
• Meters and instruments
• Medical and healthcare systems
• Communication systems
• Audio and video signal routing
• Relay replacement
• Battery powered systems
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Note
• QFN16 package central exposed pad has no electrical connection inside the chip. It can be connected GND, V+, V-, or left floating.
49
GND
S2a
S4b
S3b
S3a
EN
S2b
S1a
1
2
3
12
11
10
567
8
16
15
14
13
A0
V+
A1
S4a
S1b
Db
V-
Da
Decoder / driver
Top view
DG9409E
QFN16
5
GND
S6
S4
S3
S7
EN
S2
S5
1
2
3
12
11
10
49
56
7
8
16
15
14
13
A0
V+
A1
S8
S1
A2
V-
D
Decoder / driver
Top view
DG9408E
QFN16


Similar Part No. - DG9408EDN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408EDN-T1-GE4 VISHAY-DG9408EDN-T1-GE4 Datasheet
327Kb / 15P
   3.2 ?? Fast Switching Speed, 12 V / 5 V / 3 V / 짹 5 V, 4- / 8-Channel Analog Multiplexers
08-Feb-17
More results

Similar Description - DG9408EDN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7503 AD-AD7503_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508A AD-ADG508A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG508AKNZ AD-ADG508AKNZ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com