Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9234EDY-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG9234EDY-T1-GE3
Description  1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9234EDY-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG9234EDY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix DG9234EDY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix DG9234EDY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix DG9234EDY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix DG9234EDY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix DG9234EDY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix DG9234EDY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix DG9234EDY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix DG9234EDY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DG9232E, DG9233E, DG9234E
www.vishay.com
Vishay Siliconix
S16-1451-Rev. A, 25-Jul-16
3
Document Number: 75165
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Room = 25 °C, full = as determined by the operating suffix.
b. Typical values are for design aid only, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
f. Difference of min. and max. values.
g. Guaranteed by 5 V leakage tests, not production tested.
SPECIFICATIONS (V+ = 3 V)
PARAMETER
SYMBOL
TEST CONDITIONS
OTHERWISE UNLESS SPECIFIED
V+ = 3 V, ± 10 %, VIN = 0.8 V or 2.4 V e
TEMP. a
D SUFFIX
-40 °C to +85 °C
UNIT
MIN. c
TYP. b
MAX. c
Analog Switch
Analog signal range d
VANALOG
Full
0
-
3
V
Drain-source on-resistance
RDS(on)
VNO or VNC = 1.5 V, V+ = 2.7 V
ICOM = 5 mA
Room
-
35
50
Full
-
35
65
RDS(on) match d
R
DS(on)
VNO or VNC = 1.5 V
Room
-
0.4
2
RDS(on) flatness d
RDS(on)
flatness
VNO or VNC = 1 V and 2 V
Room
-
4
8
NO or NC off leakage current g
INO/NC(off)
VNO or VNC = 1 V/2 V, VCOM = 2 V/1 V
Room
-100
5
100
pA
Full
-5000
5
5000
COM off leakage current g
ICOM(off)
VCOM = 1 V/2 V, VNO or VNC = 2 V/1 V
Room
-100
5
100
Full
-5000
5
5000
Channel-on leakage current g
ICOM(on)
VCOM = VNO or VNC = 1 V/2 V
Room
-200
5
200
Full
-10 000
5
10 000
Digital Control
Input current
IINL or IINH
Full
-
0.001
-
μA
Dynamic Characteristics
Turn-on time
tON
VNO or VNC = 1.5 V
Room
-
43
120
ns
Full
-
-
200
Turn-off time
tOFF
Room
-
16
50
Full
-
-
120
Charge injection d
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 
Room
-
-0.28
-
pC
Off-isolation
OIRR
RL = 50 , CL = 5 pF, f = 1 MHz
Room
-
-80
-
dB
Crosstalk
XTALK
Room
-
-108
-
NC and NO capacitance
CS(off)
f = 1 MHz
Room
-
4
-
pF
Channel-on capacitance
CCOM(on)
Room
-
8
-
COM-off capacitance
CCOM(off)
Room
-
4
-
Power Supply
Positive supply range
V+
2.7
-
5.5
V
Power supply current
I+
V+ = 3.3 V, VIN = 0 V or 3.3 V
0.0003
-
1
μA


Similar Part No. - DG9234EDY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9234EDY-T1-GE3 VISHAY-DG9234EDY-T1-GE3 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
More results

Similar Description - DG9234EDY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
logo
Analog Devices
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com