Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9232EDY-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG9232EDY-GE3
Description  1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9232EDY-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG9232EDY-GE3 Datasheet HTML 1Page - Vishay Siliconix DG9232EDY-GE3 Datasheet HTML 2Page - Vishay Siliconix DG9232EDY-GE3 Datasheet HTML 3Page - Vishay Siliconix DG9232EDY-GE3 Datasheet HTML 4Page - Vishay Siliconix DG9232EDY-GE3 Datasheet HTML 5Page - Vishay Siliconix DG9232EDY-GE3 Datasheet HTML 6Page - Vishay Siliconix DG9232EDY-GE3 Datasheet HTML 7Page - Vishay Siliconix DG9232EDY-GE3 Datasheet HTML 8Page - Vishay Siliconix DG9232EDY-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DG9232E, DG9233E, DG9234E
www.vishay.com
Vishay Siliconix
S16-1451-Rev. A, 25-Jul-16
2
Document Number: 75165
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic “0”
 0.8 V
Logic “1”
 2.4 V
Logic “0”
 0.8 V
Logic “1”
 2.4 V
Logic “0”
 0.8 V
Logic “1”
 2.4 V
Notes
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 6.5 mW/°C above 70 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
NC
1
V+
COM
1
IN
1
IN
2
COM
2
GND
NC
2
1
2
3
4
8
7
6
5
Top view
NO
1
V+
COM
1
IN
1
IN
2
COM
2
GND
NO
2
1
2
3
4
8
7
6
5
Top view
V+
GND
1
2
3
4
8
7
6
5
Top view
NO
1
COM
1
IN
1
IN
2
COM
2
NC
2
TRUTH TABLE - DG9232E
LOGIC
SWITCH
0
On
1Off
TRUTH TABLE - DG9233E
LOGIC
SWITCH
0
Off
1On
TRUTH TABLE - DG9234E
LOGIC
SWITCH-1
SWITCH-2
0
Off
On
1On
Off
ORDERING INFORMATION
TEMPERATURE
RANGE
CONFIGURATION
PACKAGE
PART NUMBER
MINIMUM ORDER /
PACKAGE QUANTITY
-40 °C to +85 °C
lead (Pb)-free
DG9232E
8-pin MSOP
DG9232EDQ-T1-GE3
Tape and reel 2500 units
8-pin SOIC
DG9232EDY-T1-GE3
Tape and reel 2500 units
8-pin SOIC
DG9232EDY-GE3
Tube 500 units
DG9233E
8-pin MSOP
DG9233EDQ-T1-GE3
Tape and reel 2500 units
8-pin SOIC
DG9233EDY-T1-GE3
Tape and reel 2500 units
8-pin SOIC
DG9233EDY-GE3
Tube 500 units
DG9234E
8-pin MSOP
DG9234EDQ-T1-GE3
Tape and reel 2500 units
8-pin SOIC
DG9234EDY-T1-GE3
Tape and reel 2500 units
8-pin SOIC
DG9234EDY-GE3
Tube 500 units
ABSOLUTE MAXIMUM RATINGS
PARAMETER
LIMIT
UNIT
Reference V+ to GND
-0.3 to +6
V
IN, COM, NC, NO a
-0.3 to (V+ + 0.3)
Continuous current (any terminal)
± 20
mA
Peak current (pulsed at 1 ms, 10 % duty cycle)
± 40
ESD (HBM) (MIL-STD-883, method 3015)
> 8000
V
ESD (CDM) (ANSI / ESDA / JEDEC® JS-002)
> 1000
V
Latch up current, per JESD78
300
mA
Storage temperature
D suffix
-65 to +125
°C
Power dissipation (packages) b
8-pin narrow body SOIC c
400
mW


Similar Part No. - DG9232EDY-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9232EDY-GE3 VISHAY-DG9232EDY-GE3 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
More results

Similar Description - DG9232EDY-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
logo
Analog Devices
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com