Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ65033QGA12xyz-G Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # IQ65033QGA12xyz-G
Description  Management power over-current protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ65033QGA12xyz-G Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button IQ65033QGA12xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 12Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 13Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Product # IQ65033QGA12
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006070 Rev. B
09/06/2012
Page 11
Outputs:
Current:
Package:
5.0V/ 3.3V
10A
Quarter-brick
Input:34-75 V
Outputs:3.3 V & 5.0 V
Current:12A
Package:Quarter-brick
Application Section
EXTERNAL HOLD-UP CAPACITOR SELECTION
C
H is the hold-up capacitance (electrolytic capacitors typically have a ±20%
tolerance):
C
H =
2t
HPH
Equation A
V2
H - V
2
U
Typically a strong function of VH (see Figure E).
The ATCA specification requirement is 8.70ms (see Figure F).
Where:
V
H
= hold-up capacitor charge voltage.
V
U
= minimum operating voltage on the 48V output; the greater
of the under-voltage lockout threshold of the payload power
converter, and the under-voltage lockout threshold of the
management power converter.
t
U
= time from when the highest input feed voltage drops below
V
F, to the time when the highest input feed voltage rises
above V
U.
V
F
= voltage at which the hold-up capacitor is engaged.
P
H
= power drawn from the hold-up capacitor, the sum of the input
power of the payload power converter, and the input power
of the 3.3V mgmt power converter (see Figure 9):
P
H =
P
out 12V
+ P
IN 3.3V
Equation A
η
12V
P
out12V
= output power delivered by the payload converter.
η
12V
= efficiency of the 12V payload converter.
P
IN 3.3V
= output power delivered by the payload converter.
EXTERNAL HOLD-UP CAPACITOR VOLTAGE RATING
Operating electrolytic capacitors near their voltage rating does not
significantly affect their reliability, as it does with tantalum or ceramic
type capacitors. The operating life of electrolytic capacitors is primarily
determined by the capacitor internal temperature. The capacitor lifetime
roughly doubles for every 10ºC reduction in internal temperature. SynQor
recommends running 100V rated electrolytic capacitors at 90V, which
dramatically increases hold-up time for a given capacitor volume (see
Figure E). A built-in circuit automatically discharges the hold-up capacitor
when the input voltage is removed.
36.0V
43.0V
41.0V
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
Time (ms)
8.70ms
Fuse-Blowing type transient that cause a drop
in both input feeds simultaneously.
Figure F: The PICMG 3.0 R2.0 AdvancedTCA Base Specification requires
continuous operation through a zero-volt transient, lasting 5ms (Section
4.1.2.2). However, this is not a square wave: the voltage starts at a minimum
amplitude of -43V, falls at 50V/ms, remains at 0V for 5ms, and then rises at
12.5V/ms. At the worst case values of the hold-up connect threshold and the
management power under-voltage lockout threshold, the required hold-up time
is 8.70ms
1000
10000
100000
50
60
70
80
90
100
Hold-up Charge Voltage (V)
Figure G: Plot of Equation C, used to choose the external trim resistor value
based on the desired Hold-up Capacitor charge voltage. Error bars indicate
the worst case range of charge voltage for a given external trim resistor
value (assumes 1%, 100ppm for external trim resistor tolerance). Worst case
calculation over temp range -40ºC to 125ºC.
EXTERNAL HOLD-UP TRIM RESISTOR SELECTION
R
trim is the external hold-up trim resistance for a given desired nominal hold-
up capacitor charge voltage (V
HU) (see Figure G):
R
trim =
(
500,000
- 10,000
) Ω
Equation C
V
HU - 50.0


Similar Part No. - IQ65033QGA12xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ65033QMA10 SYNQOR-IQ65033QMA10 Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
IQ65033QMA10EKF-G SYNQOR-IQ65033QMA10EKF-G Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
IQ65033QMA10EKS-G SYNQOR-IQ65033QMA10EKS-G Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
IQ65033QMA10ENF-G SYNQOR-IQ65033QMA10ENF-G Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
IQ65033QMA10ENS-G SYNQOR-IQ65033QMA10ENS-G Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
More results

Similar Description - IQ65033QGA12xyz-G

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3106TL-830 AXIOMTEK-GOT-3106TL-830 Datasheet
426Kb / 2P
   Over-current power protection-fuse
GOT3106T-832 AXIOMTEK-GOT3106T-832 Datasheet
394Kb / 2P
   Over-current power protection-fuse
logo
Rohm
BD9B301MUV-LB ROHM-BD9B301MUV-LB Datasheet
1Mb / 33P
   Over Current Protection
BD9E303EFJ-LB ROHM-BD9E303EFJ-LB Datasheet
1Mb / 31P
   Over-Current Protection
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
   Over-Current Protection
Q48SD12034 DELTA-Q48SD12034 Datasheet
572Kb / 25P
   Over-Current Protection
Q48SD12042 DELTA-Q48SD12042 Datasheet
583Kb / 26P
   Over-Current Protection
Q48SG12042 DELTA-Q48SG12042 Datasheet
933Kb / 26P
   Over-Current Protection
Q48SG12034 DELTA-Q48SG12034 Datasheet
1Mb / 26P
   Over-Current Protection
logo
Rohm
BP5293-XX ROHM-BP5293-XX Datasheet
1Mb / 19P
   Over current protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com