Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ65033QGA12xyz-G Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # IQ65033QGA12xyz-G
Description  Management power over-current protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ65033QGA12xyz-G Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button IQ65033QGA12xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ65033QGA12xyz-G Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Product # IQ65033QGA12
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006070 Rev. B
09/06/2012
Page 8
Outputs:
Current:
Package:
5.0V/ 3.3V
10A
Quarter-brick
Input:34-75 V
Outputs:3.3 V & 5.0 V
Current:12A
Package:Quarter-brick
Application Section
FEATURE DESCRIPTIONS
Input ORing MOSFETs: ORing of dual -48V feeds is provided by four
MOSFETs, which are individually controlled so as to operate as an ideal
diode (see Figure A). If there is an input feed short of any kind, a control
circuit will detect reverse current and turn off the MOSFET in 250ns (typ.),
to avoid disturbing the other feed voltage. At zero current, the MOSFET is
guaranteed to be off. In the case of a fuse failure, this triggers the ALARM
output, due to an apparent input feed loss. Current hysteresis prevents
limit cycling around the transition point between body diode and MOSFET
conduction. Due to the ‘Turn On Current’ feature, at fixed Input- Voltages
the Output Voltage will experience one or two Diode drops (0.6V or 1.2V)
for currents at or below ‘Turn On Current’ thresholds.
ALARM Output: The ALARM pin gives an external indication of a fault
condition. It is an isolated and buffered open-collector output, which is
normally pulled low. In the presence of an input feed loss (which can be
caused by a fuse failure), the ALARM output will be tri-stated.
External Input Fuse Failure Detection: At zero current, the input
ORing MOSFETs are guaranteed to be off. In the case of a fuse failure,
an on-board bleed resistor pulls the input feed voltage down. This triggers
the ALARM output due to an apparent input feed loss. There are two main
down-sides to this approach. First, there is no way to distinguish between
a feed loss and a fuse failure. Second, an enable fuse loss is not detected,
since the enables are diode OR’d.
The full featured version of the iQor offers additional data reporting that
makes full fuse detection possible. Among other data, each feed voltage
and each enable voltage is reported through the I2C port. These voltages
can be compared with the voltages reported by the shelf manager to
determine whether any board fuse is blown.
Input Enable: The ENABLE_A/B signals connect to VRTN_A/B on the
backplane via the shortest pins in the zone 1 connector. They are the last
pins to mate during board insertion, and the first to disconnect during board
extraction. The ENABLE_A and ENABLE_B signals are diode-ORed together
which lets either signal enable the module. Whenever both ENABLE pins
are open, the hot-swap switch is opened. This prevents -48V output power
from being drawn though the EARLY pre-charge resistors.
A
EMI Filter
Hot Swap
Control Logic
Current-
controlled hold-
up charging
converter
Hold-up
connect control
circuits
Management
Power
converter
FET
control
FET
control
FET
control
FET
control
Dis-
charge
Enable Logic
A
B
C
D
B
C
D
Temp
sense
-48_B
ENABLE_A
ENABLE_B
-48_A
VRTN_A
VRTN_B
SHELF_GND
3.3V
5.0 V
-48V_OUT
VRTN_OUT
HU_TRIM
HU_CAP
5
6
3
4
1
2
7
4
1
3
1
8
9
15
16
17
18
Isolation barrier
E
F
dV/dt
sense
F
E
E
F
10
11
12
Monitoring
circuits
Figure A: Internal Block Diagram


Similar Part No. - IQ65033QGA12xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ65033QMA10 SYNQOR-IQ65033QMA10 Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
IQ65033QMA10EKF-G SYNQOR-IQ65033QMA10EKF-G Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
IQ65033QMA10EKS-G SYNQOR-IQ65033QMA10EKS-G Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
IQ65033QMA10ENF-G SYNQOR-IQ65033QMA10ENF-G Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
IQ65033QMA10ENS-G SYNQOR-IQ65033QMA10ENS-G Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
More results

Similar Description - IQ65033QGA12xyz-G

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3106TL-830 AXIOMTEK-GOT-3106TL-830 Datasheet
426Kb / 2P
   Over-current power protection-fuse
GOT3106T-832 AXIOMTEK-GOT3106T-832 Datasheet
394Kb / 2P
   Over-current power protection-fuse
logo
Rohm
BD9B301MUV-LB ROHM-BD9B301MUV-LB Datasheet
1Mb / 33P
   Over Current Protection
BD9E303EFJ-LB ROHM-BD9E303EFJ-LB Datasheet
1Mb / 31P
   Over-Current Protection
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
   Over-Current Protection
Q48SD12034 DELTA-Q48SD12034 Datasheet
572Kb / 25P
   Over-Current Protection
Q48SD12042 DELTA-Q48SD12042 Datasheet
583Kb / 26P
   Over-Current Protection
Q48SG12042 DELTA-Q48SG12042 Datasheet
933Kb / 26P
   Over-Current Protection
Q48SG12034 DELTA-Q48SG12034 Datasheet
1Mb / 26P
   Over-Current Protection
logo
Rohm
BP5293-XX ROHM-BP5293-XX Datasheet
1Mb / 19P
   Over current protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com