Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9204202XA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 9204202XA
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

9204202XA Datasheet(HTML) 1 Page - Vishay Siliconix

  9204202XA Datasheet HTML 1Page - Vishay Siliconix 9204202XA Datasheet HTML 2Page - Vishay Siliconix 9204202XA Datasheet HTML 3Page - Vishay Siliconix 9204202XA Datasheet HTML 4Page - Vishay Siliconix 9204202XA Datasheet HTML 5Page - Vishay Siliconix 9204202XA Datasheet HTML 6Page - Vishay Siliconix 9204202XA Datasheet HTML 7Page - Vishay Siliconix 9204202XA Datasheet HTML 8Page - Vishay Siliconix 9204202XA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Document Number: 67952
www.vishay.com
S11-1003-Rev. A, 23-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
DG408MIL, DG409MIL
Vishay Siliconix
DESCRIPTION
The DG408 is an 8 channel single-ended analog multiplexer
designed to connect one of eight inputs to a common output
as determined by a 3-bit binary address (A0, A1, A2). The
DG409 is a dual 4 channel differential analog multiplexer
designed to connect one of four differential inputs to a
common dual output as determined by its 2-bit binary
address (A0, A1). Break-before-make switching action
protects against momentary crosstalk between adjacent
channels.
An on channel conducts current equally well in both
directions. In the off state each channel blocks voltages up
to the power supply rails. An enable (EN) function allows the
user to reset the multiplexer/demultiplexer to all switches off
for stacking several devices. All control inputs, address (Ax)
and enable (EN) are TTL compatible over the full specified
operating temperature range.
Applications for the DG408, DG409 include high speed data
acquisition, audio signal switching and routing, ATE
systems, and avionics. High performance and low power
dissipation make them ideal for battery operated and
remote instrumentation applications.
Designed in the 44 V silicon-gate CMOS process, the
absolute maximum voltage rating is extended to 44 V.
Additionally, single supply operation is also allowed. An
epitaxial layer prevents latchup.
For additional information please see Technical Article
TA201.
FEATURES
• Low on-resistance - RDS(on): 100 
• Low charge injection - Q: 20 pC
• Fast transition time - tTRANS: 160 ns
• Low power - ISUPPLY: 10 μA
• Single supply capability
• 44 V supply max. rating
• TTL compatible logic
BENEFITS
• Reduced switching errors
• Reduced glitching
• Improved data throughput
• Reduced power consumption
• Increased ruggedness
• Wide supply ranges (± 5 V to ± 20 V)
APPLICATIONS
• Data acquisition systems
• Audio signal routing
• ATE systems
• Battery powered systems
• High rel systems
• Single supply systems
• Medical instrumentation
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
S3
A0
S6
D
S4
A1
S8
S7
EN
CerDIP
A2
V-
GND
S1
V+
S2
S5
Decoders/Drivers
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Top View
89
DG408
CerDIP
9
A0
Da
A1
Db
EN
GND
V-
V+
S1a
S1b
S2a
S2b
S3a
S3b
S4a
S4b
Decoders/Drivers
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Top View
8
DG409


Similar Part No. - 9204202XA

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9204260000 WEIDMULLER-9204260000 Datasheet
128Kb / 2P
   Accessories, Spare cutting blade
September 28, 2021
More results

Similar Description - 9204202XA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG408 VISHAY-DG408_11 Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com