Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92042012A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 92042012A
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

92042012A Datasheet(HTML) 2 Page - Vishay Siliconix

  92042012A Datasheet HTML 1Page - Vishay Siliconix 92042012A Datasheet HTML 2Page - Vishay Siliconix 92042012A Datasheet HTML 3Page - Vishay Siliconix 92042012A Datasheet HTML 4Page - Vishay Siliconix 92042012A Datasheet HTML 5Page - Vishay Siliconix 92042012A Datasheet HTML 6Page - Vishay Siliconix 92042012A Datasheet HTML 7Page - Vishay Siliconix 92042012A Datasheet HTML 8Page - Vishay Siliconix 92042012A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.vishay.com
Document Number: 67952
2
S11-1003-Rev. A, 23-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DG408MIL, DG409MIL
Vishay Siliconix
Notes
•Logic “0” = VAL  0.8 V
•Logic “1” = VAH  2.4 V
•X = Do not care
Key
EN
A
1
NC
A
0
A
2
S
4
S
8
NC
D
S
7
320
1
2
19
912
11
10
13
4
GND
S
6
V+
NC
S
5
V-
S
3
S
1
NC
S
2
5
8
6
7
18
17
14
16
15
LCC-20
DG408
Top View
Key
EN
A
1
NC
A
0
GND
S
4a
D
b
NC
D
a
S
4b
320
1
2
19
912
11
10
13
4
V+
S
3b
S
1b
NC
S
2b
V-
S
3a
S
1a
NC
S
2a
5
8
6
7
18
17
14
16
15
DG409
LCC-20
Top View
FLATPACK
Top View
9
16
15
14
13
12
11
10
S
8
A
1
A
2
GND
V+
S
5
S
6
S
7
8
1
2
3
4
5
6
7
D
A
0
EN
V-
S
1
S
2
S
3
S
4
DG408
FLATPACK
Top View
9
16
15
14
13
12
11
10
D
b
A
1
GND
V+
S
1b
S
2b
S
3b
S
4b
8
1
2
3
4
5
6
7
D
a
A
0
EN
V-
S
1a
S
2a
S
3a
S
4a
DG409
TRUTH TABLE (DG408)
A2
A1
A0
EN
ON SWITCH
XX
X
0
None
000
1
1
001
1
2
010
1
3
011
1
4
100
1
5
101
1
6
110
1
7
111
1
8
TRUTH TABLE (DG409)
A1
A0
EN
ON SWITCH
XX
0
None
0011
0112
1013
1114


Similar Part No. - 92042012A

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9204260000 WEIDMULLER-9204260000 Datasheet
128Kb / 2P
   Accessories, Spare cutting blade
September 28, 2021
More results

Similar Description - 92042012A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG408 VISHAY-DG408_11 Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com