Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ040PFQTX30 Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # IQ040PFQTX30
Description  All capacitors are X7R multi-layer ceramic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ040PFQTX30 Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

  IQ040PFQTX30 Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 8Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Technical
Specification
IQ040PFQTx30
Product # IQ040PFQTx30
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005371 Rev. F
08/07/13
Page 8
Application Notes
A variety of application notes and technical white papers can
be downloaded in pdf format from our website.
RoHS Compliance: The EU led RoHS (Restriction of Hazardous
Substances) Directive bans the use of Lead, Cadmium,
Hexavalent Chromium, Mercury, Polybrominated Biphenyls
(PBB), and Polybrominated Diphenyl Ether (PBDE) in Electrical
and Electronic Equipment. This SynQor product is 6/6 RoHS
compliant.
For more information please refer to SynQor’s
RoHS addendum available at our RoHS Compliance / Lead Free
Initiative web page or e-mail us at rohs@synqor.com.
ORDERING INFORMATION
The tables below show the valid model numbers and ordering
options the filters in this product family. When ordering
SynQor filters, please ensure that you use the complete 15
character part number consisting of the 12 character base
part number and the additional 3 characters for options.
A “-G” suffix indicates the product is 6/6 RoHS compliant.
The following options must be included in place of the
w x y z
spaces in the model numbers listed above.
Not all combinations make valid part numbers, please contact
SynQor for availability. See the Product Summary web page for
more options.
Warranty
SynQor offers a two (2) year limited warranty. Complete warranty
information is listed on our website or is available upon request from
SynQor.
Information furnished by SynQor is believed to be accurate and reliable.
However, no responsibility is assumed by SynQor for its use, nor for any
infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any
patent or patent rights of SynQor.
Contact SynQor for further information and to order:
Phone:
978-849-0600
Toll Free: 888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address: 155 Swanson Road
Boxborough, MA 01719
USA
PATENTS
SynQor holds the following U.S. patents, one or more of which apply to
each product listed in this document. Additional patent applications may
be pending or filed in the future.
5,999,417
6,222,742
6,545,890
6,577,109
6,594,159
6,731,520
6,894,468
6,896,526
6,927,987
7,050,309
7,072,190
7,085,146
7,119,524
7,269,034
7,272,021
7,272,023
7,558,083
7,564,702
7,765,687
7,787,261
8,023,290
8,149,597
Model Number
Continuous Input
Voltage
Max Output
Current
IQ040PFQTx30SRS-G
-40 to +40
30A
Options Description: w x y z
Thermal Design
Enable Logic Pin Style
Feature Set
C - Encased
V - Encased with Flange
S - Standard
R - 0.180"
S - Standard
Ordering Specifications


Similar Part No. - IQ040PFQTX30

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ040PFQTC30 SYNQOR-IQ040PFQTC30 Datasheet
566Kb / 7P
   Passive EMI Filter
IQ040PFQTC30SRS-G SYNQOR-IQ040PFQTC30SRS-G Datasheet
566Kb / 7P
   Passive EMI Filter
More results

Similar Description - IQ040PFQTX30

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
   All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-QT SYNQOR-MCOTS-F-270-P-QT Datasheet
2Mb / 9P
   All capacitors are X7R multi-layer ceramic
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com