Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ57120QZw67xyz-G Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # BQ57120QZw67xyz-G
Description  Industry standard quarter-brick pin-out configuration
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ57120QZw67xyz-G Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  BQ57120QZw67xyz-G Datasheet HTML 1Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product # BQ57120QZB67
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006523 Rev. B
05/12/15
Page 2
Input:
40-65 V
Output:
12 V
Current:
67A
Package:
Quarter-brick
PIN DESIGNATIONS
Pin
Name
Function
1 Vin(+) Positive input voltage
2 ON/OFF Logic control input to turn converter on/off.
3
Vin(–) Negative input
4 Vout(–) Negative output
5 Vout(+) Positive output
]
0.220
[5.59]
0.600 [15.24]
1.51 [38.4]
1.100 [27.94]
Overall Height
0.517±0.030
13.13±0.76
[
]
M3 Inserts
3 Places
See Notes 1 & 2
See Note 3
Bottomside
Clearance
0.052±0.034
1.32±0.86
[
]
0.180 [4.57]
0.300 [7.63]
0.600 [15.24]
[11.5]
0.45
2.34
[59.4]
1.900
[48.26]
2.000
[50.80]
0.16
[4.0
1.150
[29.21]
0.205 [5.21]
1
2
3
4
5
NOTES
1) M3 screws used to bolt unit's baseplate to other surfaces such as
heatsinks must not exceed 0.10" (2.54mm) depth below the surface
of the baseplate.
2) Applied torque per screw should not exceed 6in-lb (0.7nm)
3) Baseplate flatness tolerance is 0.004" (.10mm) TIR for surface
4) Other pin extension lengths available
5) Pins 1-3 are 0.040" (1.02mm) dia. with 0.080" (2.03mm) dia.
standoff shoulders
6) Pins 4 and 5 are 0.062" (1.57mm) dia. with 0.100" (2.54mm) dia.
standoff shoulders
7) All pins: Material: Copper Alloy
Finish: Matte Tin over Nickel plate
8) Undimensioned components are shown for visual reference only
9) Baseplate weight: 2.67 oz (75.7 g) typical
10) All dimensions in inches(mm)
Tolerances: x.xxin +/-0.02 (x.xmm +/-0.5mm)
x.xxxin +/-0.010 (x.xxmm +/-0.25mm)
Baseplated Mechanical Diagram


Similar Part No. - BQ57120QZw67xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEw50xyz-G SYNQOR-BQ57120QEw50xyz-G Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
More results

Similar Description - BQ57120QZw67xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55090EZB48 SYNQOR-BQ55090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57090QEX60 SYNQOR-BQ57090QEX60 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com