Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ57120QZw67xyz-G Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # BQ57120QZw67xyz-G
Description  Industry standard quarter-brick pin-out configuration
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ57120QZw67xyz-G Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button BQ57120QZw67xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ57120QZw67xyz-G Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Product # BQ57120QZB67
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006523 Rev. B
05/12/15
Page 6
Input:
40-65 V
Output:
12 V
Current:
67A
Package:
Quarter-brick
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
Load Current (A)
40 Vin
48 Vin
65 Vin
60
65
70
75
80
85
90
95
100
0
10
20
30
40
50
60
70
Load Current (A)
40 Vin
48 Vin
65 Vin
96.0
96.5
97.0
97.5
98.0
98.5
99.0
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
Semiconductor junction temperature is
within 1°C of surface temperature
9
10
11
12
13
14
15
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
0
10
20
30
40
50
60
70
25
40
50
60
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0
100
200
300
400
500
600
700
800
25
40
50
60
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 1: Efficiency at nominal output voltage vs. load current for minimum,
nominal, and maximum input voltage at 25 °C.
Figure 2: Efficiency at nominal output voltage and 60% rated power vs. airflow
rate for ambient air temperatures of 25 °C, 40 °C, and 55 °C (nominal input
voltage).
Figure 3: Power dissipation at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25 °C.
Figure 4: Power dissipation at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25 °C, 40 °C, and 55 °C (nominal
input voltage).
Figure 5: Maximum output power-derating curve vs. ambient air temperature for
airflow rates of 100 LFM through 400 LFM with air flowing from pin 1 to pin 3
(nominal input voltage).
Figure 6: Thermal plot of converter at 41.4 A load current (420 W) with 55 °C
air flowing at the rate of 200 LFM. Air is flowing across the converter from pin 1
to pin 3 (nominal input voltage).
Technical Figures
Technical Figures


Similar Part No. - BQ57120QZw67xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEw50xyz-G SYNQOR-BQ57120QEw50xyz-G Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
More results

Similar Description - BQ57120QZw67xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55090EZB48 SYNQOR-BQ55090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57090QEX60 SYNQOR-BQ57090QEX60 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com