Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ57120EZB38 Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # BQ57120EZB38
Description  Output over-voltage protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ57120EZB38 Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button BQ57120EZB38 Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 10Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 11Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 12Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Product # BQ57120EZB38
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006442 Rev. D
02/17/16
Page 9
Input:
40-65V
Output:
12.0V
Current:
38A
Package:
Eighth-brick
Applications Section
Applications Section
BASIC OPERATION AND FEATURES
With voltages dropping and currents rising, the economics
of an Intermediate Bus Architecture (IBA) are becoming
more attractive, especially in systems requiring multiple
low voltages. IBA systems separate the role of isolation and
voltage scaling from regulation and sensing. The BusQor
series bus converter provides isolation and an unregulated
voltage step down in one compact module, leaving regulation
to simpler, less expensive non-isolated converters.
In Figure A below, the BusQor module provides the isolation
stage of the IBA system. The isolated bus then distributes
power to the non-isolated buck regulators to generate the
required voltage levels at the points of load. In this case, the
bucks are represented with SynQor’s NiQor series of non-
isolated DC/DC converters. In many applications requiring
multiple low voltage outputs, significant savings can be
achieved in board space and overall system costs
When designing an IBA system with bus converters, the
designer can select from a variety of bus voltages. While
there is no universally ideal bus voltage, most designs
employ one of the following: 12V, 9.6V, 7.5V, 5V, or 3.3V.
Higher bus voltages can lead to lower efficiency for the buck
regulators but are more efficient for the bus converter and
provide lower board level distribution current. Lower bus
voltages offer the opposite trade offs.
SynQor’s BusQor modules act as a true dc transformer. The
output voltage is proportional to the input voltage, with a
specified “turns ratio” or voltage ratio, plus minor drop from
the internal resistive losses in the module. When used in
IBA systems, the output variation of the BusQor must be in
accordance with the input voltage range of the non-isolated
converters being employed.
The BusQor architecture is very scalable, meaning multiple
bus converters can be connected directly in parallel to allow
current sharing for higher power applications.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2,
permits the user to control when the converter is on or off.
This input is referenced to the return terminal of the input
bus, Vin(-).
In the negative logic version, the ON/OFF signal is active
low (meaning that a low turns the converter on). Figure B
is a detailed look of the internal ON/OFF circuitry.
BusQor
Converter
Converters
Loads
Front End
Typical User Board
Figure A: Example of Intermediate Bus Architecture using BusQor bus converter
and NiQor non-isolated converters
48Vdc
40-65V
12Vdc
3.3V
2.5V
1.8V
1.5V
0.9V
Vin(+)
TTL
On/Off
Vin(-)
Figure B: Internal ON/OFF pin circuitry
10V
124K
49.9K
100K
column 1
column 2


Similar Part No. - BQ57120EZB38

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEw50xyz-G SYNQOR-BQ57120QEw50xyz-G Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZw67xyz-G SYNQOR-BQ57120QZw67xyz-G Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
More results

Similar Description - BQ57120EZB38

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
FSP TECHNOLOGY INC.
FSP100-50LG FSP-FSP100-50LG_15 Datasheet
145Kb / 1P
   Output over voltage protection
FSP180-50LE FSP-FSP180-50LE Datasheet
147Kb / 1P
   Output over voltage protection
FSP180-50LH FSP-FSP180-50LH Datasheet
152Kb / 1P
   Output over voltage protection
logo
SynQor Worldwide Headqu...
BQ57090QZB84 SYNQOR-BQ57090QZB84 Datasheet
2Mb / 13P
   Output over-voltage protection
logo
Bel Fuse Inc.
0RQB-D0W12L BEL-0RQB-D0W12L Datasheet
1,000Kb / 14P
   Output Over-voltage Protection
0RQB-50Y48X BEL-0RQB-50Y48X Datasheet
1Mb / 25P
   Output Over-Voltage Protection
logo
Delta Electronics, Inc.
Q48SQ12018 DELTA-Q48SQ12018 Datasheet
729Kb / 13P
   Hiccup output over voltage protection(OVP)
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
   Output over voltage, short circuit, and over current protection
logo
Bel Fuse Inc.
0RQB-E0S11B BEL-0RQB-E0S11B Datasheet
550Kb / 13P
   Input Under-Voltage Lockout Output Over-Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com