Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ55120QZB67 Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # BQ55120QZB67
Description  Industry standard quarter-brick pin-out configuration
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ55120QZB67 Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button BQ55120QZB67 Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ55120QZB67 Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ55120QZB67 Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ55120QZB67 Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ55120QZB67 Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ55120QZB67 Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ55120QZB67 Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ55120QZB67 Datasheet HTML 10Page - SynQor Worldwide Headquarters BQ55120QZB67 Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Input:
35-55V
Output:
12V
Current:
67 A
Package:
Quarter-brick
Product # BQ55120QZB67
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006255 Rev. C
02/10/16
Page 7
Input:
35-55V
Output:
12V
Current:
67 A
Package:
Quarter-brick
0
10
20
30
40
50
60
70
25
40
50
60
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0
100
200
300
400
500
600
700
800
25
40
50
60
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 7: Maximum output current derating curve vs. ambient air temperature
(with both baseplate and 0.5” heat sink) at different airflow rates with air
flowing from output to input (nominal input voltage).
Figure 8: Maximum output power derating curve vs. ambient air temperature
(with both baseplate and 0.5” heat sink) at different airflow rates with air
flowing from output to input (nominal input voltage).
Figure 9: Turn-on transient at half load (resistive load) (1 ms/div). Load cap:
15µF tantalum capacitor and 5mF ceramic capacitor bank. Input voltage pre-
applied. Ch 1: Vout (2V/div). Ch 2: ON/OFF input (2 V/div).
Figure 10: Turn-on transient at zero load (1 ms/div). Load cap: 15µF tantalum
capacitor and 5mF ceramic capacitor bank. Ch 1: Vout (2V/div), Ch 2: ON/OFF
input (2 V/div).
Figure 11: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.1A/µs). Load cap: 15µF tantalum cap and 1µF
ceramic cap. Ch 1: Vout (1V/div), Ch 2: Iout (25A/div).
Figure 12: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max): dI/dt = 1A/µs). Load cap: 15µF, 30 mΩ ESR tantalum cap
and 1µF ceramic cap. Ch 1: Vout (1V/div), Ch 2: Iout (25A/div).
Technical Figures


Similar Part No. - BQ55120QZB67

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55120QEw50xyz-G SYNQOR-BQ55120QEw50xyz-G Datasheet
1Mb / 14P
   On/Off control referenced to input side
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
   On/Off control referenced to input side
More results

Similar Description - BQ55120QZB67

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55090EZB48 SYNQOR-BQ55090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57090QEX60 SYNQOR-BQ57090QEX60 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com