Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ55090QZB84xyz-G Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # BQ55090QZB84xyz-G
Description  No minimum load requirement
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ55090QZB84xyz-G Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button BQ55090QZB84xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ55090QZB84xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ55090QZB84xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ55090QZB84xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ55090QZB84xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ55090QZB84xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ55090QZB84xyz-G Datasheet HTML 10Page - SynQor Worldwide Headquarters BQ55090QZB84xyz-G Datasheet HTML 11Page - SynQor Worldwide Headquarters BQ55090QZB84xyz-G Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Input:
35-55V
Output:
9.6V
Current:
84 A
Package:
Quarter-brick
Input:
35-55V
Output:
9.6V
Current:
84 A
Package:
Quarter-brick
Product # BQ55090QZB84
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006286 Rev. C
02/10/16
Page 8
Input:
35-55V
Output:
9.6V
Current:
84 A
Package:
Quarter-brick
0
3
6
9
12
15
0
20
40
60
80
100
Load Current (A)
35 Vin
48 Vin
55 Vin
source
impedance
DC-DC
Converter
Input
Terminal
Ripple
Current
Input
Reflected
Ripple
Current
Output
Voltage
Ripple
ceramic
capacitor
tantalum
capacitor
electrolytic
capacitor
VSOURCE
VOUT
i
S
i
C
Figure 13: Test set-up diagram showing measurement points for Input Terminal
Ripple Current (Figure 14), Input Reflected Ripple Current (Figure 15) and
Output Voltage Ripple (Figure 16).
Figure 14: Input Terminal Ripple Current, ic, at full rated output current and
nominal input voltage with 10µH source impedance and 47µF electrolytic
capacitor (1 A/div). See Figure 13.
Figure 15: Input reflected ripple current, is, through a 10µH source inductor,
using a 47µF electrolytic input capacitor (20mA/div). See Figure 13.
Figure 16: Output voltage ripple at nominal input voltage and rated load current
(100mV/div). Load capacitance: 1µF ceramic capacitor and 15µF tantalum
capacitor. Bandwidth: 20MHz. See Figure 13.
Figure 17: Output voltage vs. load current for different input voltages showing
typical current limit curves.
Figure 18: Load current (50A/div) as a function of time when the converter
attempts to turn on into a 1mΩ short circuit. Top trace (1ms/div) is an expansion
of the on-time portion of the bottom trace.
Technical Figures


Similar Part No. - BQ55090QZB84xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090QEw60xyz-G SYNQOR-BQ55090QEw60xyz-G Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
BQ55090QPA40 SYNQOR-BQ55090QPA40 Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ55090QPA40NKS SYNQOR-BQ55090QPA40NKS Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ55090QPA40NNS SYNQOR-BQ55090QPA40NNS Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
More results

Similar Description - BQ55090QZB84xyz-G

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW03 MINMAX-MIW03 Datasheet
482Kb / 5P
   No Minimum Load Requirement
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
logo
Artesyn Technologies
AVO100-48S28B-6L ARTESYN-AVO100-48S28B-6L Datasheet
1Mb / 3P
   No minimum load requirement
logo
SynQor Worldwide Headqu...
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60500HZX12 SYNQOR-PQ60500HZX12 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
PQ60240HZX25 SYNQOR-PQ60240HZX25 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
logo
Delta Electronics, Inc.
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
   No minimum load required
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
   No minimum load required
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com