Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ55090QEw60xyz-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # BQ55090QEw60xyz-G
Description  Fixed frequency switching provides predictable EMI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ55090QEw60xyz-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  BQ55090QEw60xyz-G Datasheet HTML 1Page - SynQor Worldwide Headquarters BQ55090QEw60xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ55090QEw60xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ55090QEw60xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ55090QEw60xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ55090QEw60xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ55090QEw60xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ55090QEw60xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ55090QEw60xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product # BQ55090QEx60
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006052 Rev. D
05/07/15
Page 1
Technical
Specification
BQ55090QEx60
Contents
®
Operational Features
• High efficiency, 96.6% at full rated load current
• Delivers 60 A full power with minimal derating - no heatsink required
• Operating input voltage range: 35-55 V
• Fixed frequency switching provides predictable EMI
• No minimum load requirement
Protection Features
• Input under-voltage lockout and over-voltage shutdown protects
against abnormal input voltages
• Output current limit and short circuit protection (auto recovery)
• Output over-voltage protection
• Thermal shutdown
BQ55090QEx60 Model
Mechanical Features
• Industry standard quarter-brick pin-out configuration
• Size: 1.45” x 2.3” (36.8x58.4mm), height: 0.467” (11.86mm)
• Total open frame weight: 1.5 oz (42 g)
The BusQor BQ55090QEx60 bus converter is a next-
generation, board-mountable, isolated, fixed switching
frequency DC-DC converter that uses synchronous
rectification to achieve extremely high conversion
efficiency. The power dissipated by the converter is so
low that a heatsink is not required, which saves cost,
weight, height, and application effort. The BusQor
series provides an isolated step down voltage from 48
V to 12 or 9.6 V intermediate bus with no regulation
in a standard quarter-brick module. BusQor converters
are ideal for creating the mid-bus voltage required
to drive point-of-load (non-isolated) converters in
intermediate bus architectures.
Safety Features
• UL 60950-1/R2011-12
• EN60950-1/A2:2013
• CAN/CSA-C22.2 No. 60950-1/A1:2011
Control Features
• On/Off control referenced to input side
(positive and negative logic options are available)
• Inherent current share (by droop method) for high current and
parallel applications.
52.5 V
9.6 V
60 A
546 W
2000 V dc
Quarter-brick
Input
Output
Current
Power
Isolation
DC-DC Converter
Page No.
Open Frame Mechanical Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Baseplated Mechanical Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Compliance & Testing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Technical Figures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Applications Section. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14


Similar Part No. - BQ55090QEw60xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090QPA40 SYNQOR-BQ55090QPA40 Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ55090QPA40NKS SYNQOR-BQ55090QPA40NKS Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ55090QPA40NNS SYNQOR-BQ55090QPA40NNS Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ55090QPA40NRS SYNQOR-BQ55090QPA40NRS Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ55090QPA40NYS SYNQOR-BQ55090QPA40NYS Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
More results

Similar Description - BQ55090QEw60xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120SMX04 SYNQOR-PQ60120SMX04 Datasheet
1Mb / 15P
   Fixed frequency switching provides predictable EMI
PQ60033EGX20 SYNQOR-PQ60033EGX20 Datasheet
1Mb / 13P
   Fixed frequency switching provides predictable EMI performance
PQ60400HZX15 SYNQOR-PQ60400HZX15 Datasheet
3Mb / 16P
   Fixed frequency switching provides predictable EMI performance
logo
Artesyn Technologies
AVO75 ARTESYN-AVO75 Datasheet
1Mb / 3P
   Fixed switching frequency
AVO240 ARTESYN-AVO240 Datasheet
650Kb / 4P
   Fixed switching frequency
AVD75 ARTESYN-AVD75 Datasheet
497Kb / 3P
   Fixed switching frequency
logo
Wall Industries,Inc.
ZFW WALL-ZFW Datasheet
409Kb / 7P
   Fixed Switching Frequency
logo
Artesyn Technologies
AVD85 ARTESYN-AVD85 Datasheet
541Kb / 3P
   Fixed switching frequency
AVO120 ARTESYN-AVO120 Datasheet
498Kb / 3P
   Fixed switching frequency
AVD50 ARTESYN-AVD50 Datasheet
561Kb / 3P
   Fixed switching frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com