Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4H136EEC45 Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # BQ4H136EEC45
Description  Industry standard eighth-brick pin-out configuration
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ4H136EEC45 Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button BQ4H136EEC45 Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ4H136EEC45 Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ4H136EEC45 Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ4H136EEC45 Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ4H136EEC45 Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ4H136EEC45 Datasheet HTML 10Page - SynQor Worldwide Headquarters BQ4H136EEC45 Datasheet HTML 11Page - SynQor Worldwide Headquarters BQ4H136EEC45 Datasheet HTML 12Page - SynQor Worldwide Headquarters BQ4H136EEC45 Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Input:
230-400 V
Output:
13.6 V
Current:
45 A
Package:
EXTENDED Eighth-brick
Product # BQ4H136EEC45
Phone 1-888-567-9596
www.synqor.com
Doc.#005-0006641 Rev. C
05/11/16
Page 10
Input:
230-400 V
Output:
13.6 V
Current:
45 A
Package:
EXTENDED Eighth-brick
Applications Section
Output
Current
Output
Voltage
0V
Time
Time
Output
Current
Output
Voltage
0V
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed
to turn off when the input voltage is too low, helping avoid
an input system instability problem, described in more detail
in the application note titled “Input System Instability”. The
lockout circuitry is a comparator with DC hysteresis. When
the input voltage is rising, it must exceed the typical Turn-
On Voltage Threshold value (listed on the specification
page) before the converter will turn on. Once the converter
is on, the input voltage must fall below the typical Turn-Off
Voltage Threshold value before the converter will turn off.
Also see Figure E.
Input Over-Voltage Shutdown: The converter also has
a two stage over-voltage feature that limits the converter's
duty cycle for 100 ms before shutdown and a higher second
level with no delay before shutdown if the input voltage
is too high (See the Input Over-Voltage Shutdown section
in the Electrical Characteristics Table for specific voltage
levels). It also has a hysteresis and time delay to ensure
proper operation.
Output Current Limit: The output of the BusQor module
is electronically protected against output overloads. When
an overload current greater than the “DC Current-Limit
Inception” specification is drawn from the output, the output
shuts down to zero volt in a period of 1 ms typical (see
Figure C). The shutdown period lasts for a typical period of
250 ms (Figure D) after which the BusQor tries to power up
again (10 ms). If the overload persists, the output voltage
will go through repeated cycles of shutdown and restart
with a duty cycle of 4% (On) and 96% (Off) respectively.
The BusQor module returns (auto resetting) to normal
operation once the overload is removed. The BusQor is
designed to survive in this mode indefinitely without damage
and without human intervention.
Output Short Circuit Protection: When the output of
the BusQor module is shorted, a peak current of typically
70 A will flow into the short circuit for a period not greater
than 1 ms (typically 200 uS). The output of the BusQor will
shutdown to zero for ~ 250 mS (Figure D). At the end of
the shutdown period the BusQor module tries to power up
again. If the short circuit persists, the output voltage will
go through repeated cycles of shutdown and restart with
a duty cycle of 4% (On) and 96% (Off) respectively. The
BusQor module returns (auto resetting) to normal operation
once the short circuit is removed. The BusQor is designed
to survive in this mode indefinitely without damage and
without human intervention.
In the Auto resetting mode, also referred to as “Hiccup”
mode, the power drawn from the 385 V input is about ~10
Watts, most of which is dissipated into the external fault. It
is important that copper traces and pads from the output
circuit be designed to withstand the short term peaks,
although the average current into the fault may be as low
as 0.04 A typical. See Figure 17 for appropriate waveform.
Over-Temperature Shutdown: A temperature sensor
on the converter senses the average temperature of the
module. The thermal shutdown circuit is designed to turn the
converter off when the temperature at the sensed location
reaches the Over-Temperature Shutdown value. It will allow
the converter to turn on again when the temperature of the
sensed location falls by the amount of the Over-Temperature
Shutdown Restart Hysteresis value.
Figure C: Output Overload protection diagram (not to scale)
55 A
45 A
13.6 V
1 ms
Figure D: Output Short Circuit and Auto-Resetting protection diagram (not to
scale)
70 A
peak
<13 V
250 ms
10 ms


Similar Part No. - BQ4H136EEC45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010 TI-BQ4010 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI1-BQ4010 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010-150 TI-BQ4010-150 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010-200 TI-BQ4010-200 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4H136EEC45

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60010EGL25 SYNQOR-PQ60010EGL25 Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
SQ60120ETA20 SYNQOR-SQ60120ETA20 Datasheet
2Mb / 14P
   Industry standard eighth-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com