Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ0800 Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # AQ0800
Description  Integral fan cooling with speed control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ0800 Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  AQ0800 Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ0800 Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ0800 Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ0800 Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ0800 Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ0800 Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ0800 Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ0800 Datasheet HTML 8Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product # AQ1400IUxx
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-0005979 Rev. E
10/01/15
Page 2
AC Input: 85-264Vrms
DC Output: 12/15/24/28/48V
Power: 1400W
Grade: Industrial
GENERAL SPECIFICATIONS
Fundamental ripple freq.
Input
Output
500 kHz
250 kHz
Audible noise
Fan speed varies with temp.
45 dBA @ 1 m max.
Weight
( AQ0800xxxxGC )
( AQ1100xxxxGC )
( AQ1400xxxxGC )
998 g (35.2 oz)
1179 g (41.6 oz)
1179 g (41.6 oz)
MTBF
MIL-217
Demonstrated
533 kHours
TBD kHours
ISOLATION SPECIFICATIONS
Isolation voltage
Input to output
Input to ground
Output to ground
3000 Vrms
1500 Vrms
500 Vrms
Insulation resistance
Output to ground
10 MΩ min.
Leakage currents
See Note 2
ENVIRONMENTAL CHARACTERISTICS
Thermal performance
Operating ambient (see Fig 11)
Non-operating ambient
-40 ºC to +70 ºC
-40 ºC to +85 ºC
Relative humidity
Non-condensing
5-95% RH
Altitude
Operating
Non-operating
10,000 ft max.
30,000 ft max.
Random vibration
5-500 Hz
0.03 g2/Hz
Shock
Half-sine, 10 ms, 3 axes
20 g peak
EMC CHARACTERISTICS
Conducted emissions
EN55011 and EN55022, FCC
part15
Level B
Line frequency harmonics
EN61000-3-2
Class A
Voltage fluctuations
EN61000-3-3
Clause 5b
ESD air
EN61000-4-2
Level 3
ESD contact
EN61000-4-2
Level 3
Radiated immunity
EN61000-4-3
Level 3
Fast transients
EN61000-4-4
Level 3
Line surge immunity
EN61000-4-5
Level 3
Conducted immunity
EN61000-4-6
Level 3
Power freq. mag. field
EN61000-4-8
3 A/m
Voltage dip immunity
EN61000-4-11
Perf Criteria B, A, B
<5% UT 10 ms,
70% UT 500 ms,
40% UT 100 ms
NOTES:
1. Derate 2 mA per °C above 50 °C ambient temperature.
2. Leakage currents see page 4.
ACuQor 1400W Series Electrical Characteristics
All specifications typical with TA = 25 °C, unless otherwise specified. Specifications subject to change without notice.
MAIN OUTPUT SPECIFICATIONS
Output power (continuous) 85-132/170-264 Vrms
1400W
(5 s transient)
85-132/170-264 Vrms
1800W
132-170 Vrms
See Figure 12
Nominal DC output
voltage (at 800W)
(Semi-regulated)
12 Vout
15 Vout
24 Vout
28 Vout
48 Vout
12.4 V
15.6 V
25 V
29 V
50 V
Efficiency (see figs. 1 - 10) 12 Vout, 115 Vrms, 1400W
87% typ.
24 Vout, 115 Vrms, 1400W
89% typ.
48 Vout, 115 Vrms, 1400W
90% typ.
12 Vout, 230 Vrms, 1400W
89.5% typ.
24 Vout, 230 Vrms, 1400W
90.5% typ.
48 Vout, 230 Vrms, 1400W
91.5% typ.
Hold-up time (to -20%)
12 / 15 Vout
10 ms @ 1400W
24 / 28 / 48 Vout
12 ms @ 1400W
Maximum load capacitance 12 Vout
15 Vout
24 Vout
28 Vout
48 Vout
48,000 µF
40,500 µF
24,000 µF
19,200 µF
6,000 µF
Output ripple voltage
Switching frequency (20 MHz BW)
0.5% p-p
Twice line frequency (at 800W)
5.0% p-p
Turn-on delay
2 s max.
Transient response
Iout steps from 50-75%
At 0.2 A/µs
3% typ / 6% max. dev.
100 ms recovery
Overvoltage protection
Cyclic restart
110-120%
Short circuit protection
Cyclic operation
115% rated Iout
Total regulation
Over line, load and temperature
±6.0%
Auxiliary Output
Always on (See Note 1)
5 V @ 100 mA
Thermal protection
Automatic recovery
+125 ºC (PCB Temp)
REMOTE_ENABLE
Input Low Voltage
Input High Voltage
0.45 V (max)
4.15 V (min)
INPUT SPECIFICATIONS
AC input voltage
Universal range
85-264 Vrms
Input frequency
47-63 Hz
Input current
115 Vrms @ 1400W
14 Arms
230 Vrms @ 1400W
7 Arms
Power factor
>0.98
Input surge current
264 Vrms (cold start)
50 A max.
Internal input fuses
Both AC lines
20 A
SAFETY AGENCY CERTIFICATIONS
CAN/CSA-C22.2 No. 60950-1:2007
UL 60950-1:2007
EN 60950-1/A1:2010
CE Marked


Similar Part No. - AQ0800

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0800IUXX SYNQOR-AQ0800IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
More results

Similar Description - AQ0800

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0500IUXX SYNQOR-AQ0500IUXX Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0500IUXT SYNQOR-AQ0500IUXT Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0800IUXX SYNQOR-AQ0800IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
logo
Hongfa Technology
HF3615 HONGFA-HF3615 Datasheet
190Kb / 3P
   COOLING FAN CONTROL MODULE
logo
Silicon Touch Technolog...
FC122 SITI-FC122 Datasheet
275Kb / 10P
   Fan Speed Control IC
logo
Maxim Integrated Produc...
MAX6643LBEVKIT MAXIM-MAX6643LBEVKIT Datasheet
110Kb / 7P
   Automatic Fan-Speed Control
2005
logo
ORION FANS
OA11-22 ORIONFANS-OA11-22 Datasheet
68Kb / 1P
   AC Fan Speed Control Unit
logo
Feature Integration Tec...
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
ON Semiconductor
LB8503V ONSEMI-LB8503V Datasheet
169Kb / 20P
   DC Fan Motor Speed Control IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com