Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ-CBL-OUT2CD Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # AQ-CBL-OUT2CD
Description  Integral fan cooling with speed control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ-CBL-OUT2CD Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button AQ-CBL-OUT2CD Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 9Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 10Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Product # AQ0500IUxT
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-005055 Rev. D
08/24/15
Page 7
AC Input: 85-264 Vrms
DC Output: 12/24/36/48 V Semi-reg.
Power: 500 W
Grade: Industrial
Technical Specification
MECHANICAL DRAWINGS
Ø.19 [4.8] PLASTIC RIVET OD.
4.13 [104.8]
.75 [19.1]
1.75 [44.5]
Manufacturing Label
PN#
S/N
DATE CODE
3.50 [88.9]
6 - 32 Self - Clinching Insert
Mounting Screw shall not Protude
3/8” into the chassis (4 pieces)
1.48
[37.5]
5.25
[133.4]
3.03
[76.8]
(1 Module Encased Version - E Package Type)
NOTES
(applies to all mechanicals)
1) Recommended screw tightening
torque of 6 in lbs
2) Undimensioned components are
shown for visual reference only
3) All dimensions in inches (mm)
Tolerances:
x.xx in ± 0.02
x.xxx in ± 0.010
Front
Bottom
TOP
Right
Back
.17 [4.3]
4.91
[124.7]
3.04 [77.1]
.23 [5.9]
1.05
[26.6]
.38
[9.5]
.70
[17.8]
.11
[2.9]
1.63
[41.3]
1.31
[33.1]
3.59 [91.3]


Similar Part No. - AQ-CBL-OUT2CD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
3Mb / 14P
   Semi-regulated output for bus stability
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
4Mb / 14P
   Parallel operation supported
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
4Mb / 14P
   Parallel operation supported
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
3Mb / 12P
   Integral fan cooling with speed control
More results

Similar Description - AQ-CBL-OUT2CD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ1400IUXX SYNQOR-AQ1400IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
AQ0500IUXX SYNQOR-AQ0500IUXX Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0800IUXX SYNQOR-AQ0800IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
logo
Hongfa Technology
HF3615 HONGFA-HF3615 Datasheet
190Kb / 3P
   COOLING FAN CONTROL MODULE
logo
Silicon Touch Technolog...
FC122 SITI-FC122 Datasheet
275Kb / 10P
   Fan Speed Control IC
logo
Maxim Integrated Produc...
MAX6643LBEVKIT MAXIM-MAX6643LBEVKIT Datasheet
110Kb / 7P
   Automatic Fan-Speed Control
2005
logo
ORION FANS
OA11-22 ORIONFANS-OA11-22 Datasheet
68Kb / 1P
   AC Fan Speed Control Unit
logo
Feature Integration Tec...
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
ON Semiconductor
LB8503V ONSEMI-LB8503V Datasheet
169Kb / 20P
   DC Fan Motor Speed Control IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com