Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ-INSUL1M Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # AQ-INSUL1M
Description  Semi-regulated output for bus stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ-INSUL1M Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  AQ-INSUL1M Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Product # AQ0300IUxx
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-005051 Rev. D
09/14/15
Page 5
AC Input: 85-264 Vrms
DC Output: 12/24/36/48 V Semi-reg.
Power: 300 W
Grade: Industrial
Technical Specification
AC Leakage Current
from Input to Earth
AC Line Connection
Normal
Condition
Open Neutral
Fault
ACuQor Typical at
110% nominal input
voltage 60 Hz
240 V L-N, 1 phase
400 µA
800 µA
208 V L-L, 120 V L-N, 1 of 3 phases
200 µA
400 µA
240 V L-N-L, 120 V L-N, split phase
200 µA
400 µA
Leakage Currents
Standard Testing Certifications
SAFETY AGENCY CERTIFICATIONS
CAN/CSA-C22.2 No. 60950-1:2007
UL 60950-1:2007
EN 60950-1/A1:2010
CE Marked


Similar Part No. - AQ-INSUL1M

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
4Mb / 14P
   Parallel operation supported
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
4Mb / 14P
   Parallel operation supported
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
3Mb / 12P
   Integral fan cooling with speed control
More results

Similar Description - AQ-INSUL1M

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300IUXT SYNQOR-AQ0300IUXT Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
logo
Total Power Internation...
MA01 TOTAL-POWER-MA01 Datasheet
658Kb / 4P
   Semi-regulated Output Voltage
MA01H TOTAL-POWER-MA01H Datasheet
655Kb / 4P
   Semi-regulated Output Voltage
logo
Sanyo Semicon Device
STK730-020 SANYO-STK730-020 Datasheet
127Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-080 SANYO-STK730-080 Datasheet
98Kb / 4P
   Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
logo
GAPTEC Electronic GmbH ...
3S7A-1U GAPTEC-3S7A-1U Datasheet
804Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
3S7B-3UP GAPTEC-3S7B-3UP Datasheet
374Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
logo
Texas Instruments
PTQB425080 TI-PTQB425080 Datasheet
445Kb / 14P
[Old version datasheet]   200-W 48-V INPUT, 8-V OUTPUT, SEMI-REGULATED, ISOLATED DC-DC BUS CONVERTER
logo
GAPTEC Electronic GmbH ...
3S7B GAPTEC-3S7B Datasheet
789Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com