Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ-CBL-OUT2CD Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # AQ-CBL-OUT2CD
Description  Parallel operation supported
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ-CBL-OUT2CD Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  AQ-CBL-OUT2CD Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Product # AQ0400IUxT
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-005053 Rev. C
08/24/15
Page 3
AC Input: 85-264 Vrms
DC Output: 12/24/36/48 V Semi-reg.
Power: 400 W
Grade: Industrial
65
70
75
80
85
90
95
100
0
100
200
300
400
500
Output Power (W)
115 Vrms
230 Vrms
65
70
75
80
85
90
95
100
0
100
200
300
400
500
Output Power (W)
115 Vrms
230 Vrms
65
70
75
80
85
90
95
100
0
100
200
300
400
500
Output Power (W)
115 Vrms
230 Vrms
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
0
4
8
12
16
20
24
28
32
36
Output Load (A)
20
21
22
23
24
25
26
27
28
0
2
4
6
8
10
12
14
16
18
Output Load (A)
30
32
34
36
38
40
42
0
2
4
6
8
10
12
Output Load (A)
EFFICIENCY, DERATING, AND VOUT DROOP CURVES
Technical Specification
Figure 1: 12 V
OUT efficiency curves.
Figure 2: 12 V
OUT droop characteristic.
Figure 3: 24 V
OUT efficiency curves.
Figure 4: 24 V
OUT droop characteristic.
Figure 5: 36 V
OUT efficiency curves.
Figure 6: 36 V
OUT droop characteristic.


Similar Part No. - AQ-CBL-OUT2CD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
3Mb / 14P
   Semi-regulated output for bus stability
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
4Mb / 14P
   Parallel operation supported
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
3Mb / 12P
   Integral fan cooling with speed control
More results

Similar Description - AQ-CBL-OUT2CD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0400IUXX SYNQOR-AQ0400IUXX Datasheet
4Mb / 14P
   Parallel operation supported
logo
Sanyo Semicon Device
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
logo
Axiomtek Co., Ltd.
MANO860 AXIOMTEK-MANO860 Datasheet
261Kb / 1P
   iAMT supported
SBC81210 AXIOMTEK-SBC81210 Datasheet
166Kb / 1P
   DisplayPort supported
IMB206 AXIOMTEK-IMB206 Datasheet
218Kb / 1P
   TPM supported
logo
AAEON Technology
FWS-7821 AAEON-FWS-7821 Datasheet
407Kb / 2P
   TPM Supported (Optional Request), RAID 0,1 Supported
logo
Axiomtek Co., Ltd.
SHB103 AXIOMTEK-SHB103 Datasheet
158Kb / 1P
   DisplayPort supported
logo
Maxim Integrated Produc...
MAX14900DEVBRD MAXIM-MAX14900DEVBRD Datasheet
713Kb / 17P
   Stand-Alone Operation in Parallel Mode
Rev 0; 5/15
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
   Parallel operation with active current sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com