Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ-INSUL1M Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # AQ-INSUL1M
Description  Semi-regulated output for bus stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ-INSUL1M Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button AQ-INSUL1M Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 9Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 10Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Product # AQ0300IUxT
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-005050 Rev. C
08/21/15
Page 7
AC Input: 85-264 Vrms
DC Output: 12/24/36/48 V Semi-reg.
Power: 300 W
Grade: Industrial
Technical Specification
MECHANICAL DRAWINGS
(1 Module Open Frame Version — E Package Type)
NOTES (applies to all mechanicals)
1) Recommended screw tightening torque of 6 in.lbs
2)Undimensioned components are shown for visual reference only
3)All dimensions in inches [mm]
Tolerances:
x.xx in ± 0.02
x.xxx in ± 0.010
.75
[19.1]
5.25
[133.4]
1.05
[26.6]
4.91
[124.7]
4.13
[104.8]
.17
[4.3]
3.03
[76.8]
Manufacturing Label
PN#
S/N
DATE CODE
1.48
[37.5]
1.75 [44.5]
3.50 [88.9]
16 15 14 13 12 11 10 9
8 7 6 5 4 3 2 1
OUTPUT
3.59 [91.3]
.38 [9.5]
3.04 [77.1]
.23 [5.9]
3.04 [77.1]
Ø .19
[4.75]
PLASTIC RIVET OD.
6 - 32 SELF-CLINCHING INSERT
MOUNTING SCREW SHALL NOT
PROTUDE 3/8” INTO THE CHASSIS
(4 PIECES)
1.63
[41.3]
1.63
[41.3]
.70
[17.8]
1.31
[33.1]
.11
[2.9]
Bottom
Top
Front
Back
Right
3.00 [76.2]
3.03 [77]
OUTPUT
CONNECTOR
INPUT
CONNECTOR
1.50
[38.1]
INPUT
CONNECTOR
INPUT
CONNECTOR
.123 ±.019
[3.12 ±0.48]
BOTTOMSIDE
CLEARANCE
1.444 ±.053
[36.67 ±1.34]
6 - 32 STANDOFF
1/4" HEX BODY
3/16" INTERNAL THREAD
(4 PIECES)
.70
[17.8]
.13
[3.3]
.20
[5.1]
.13
[3.2]
1.03
[26.1]
1.06
[26.8]
.68
[17.4]
INPUT
OUTPUT
2.60 [66]
2.90
[73.7]
5.00
[127]
4.60
[116.8]
OUTPUT
CONNECTOR
Manufacturing Label
PN#
S/N
DATE CODE
Bottom
Top
Front
Back
Right
(1 Module Encased Version — E Package Type)


Similar Part No. - AQ-INSUL1M

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
3Mb / 14P
   Semi-regulated output for bus stability
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
4Mb / 14P
   Parallel operation supported
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
4Mb / 14P
   Parallel operation supported
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
3Mb / 12P
   Integral fan cooling with speed control
More results

Similar Description - AQ-INSUL1M

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300IUXX SYNQOR-AQ0300IUXX Datasheet
3Mb / 14P
   Semi-regulated output for bus stability
logo
Total Power Internation...
MA01 TOTAL-POWER-MA01 Datasheet
658Kb / 4P
   Semi-regulated Output Voltage
MA01H TOTAL-POWER-MA01H Datasheet
655Kb / 4P
   Semi-regulated Output Voltage
logo
Sanyo Semicon Device
STK730-020 SANYO-STK730-020 Datasheet
127Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-080 SANYO-STK730-080 Datasheet
98Kb / 4P
   Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
logo
GAPTEC Electronic GmbH ...
3S7A-1U GAPTEC-3S7A-1U Datasheet
804Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
3S7B-3UP GAPTEC-3S7B-3UP Datasheet
374Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
logo
Texas Instruments
PTQB425080 TI-PTQB425080 Datasheet
445Kb / 14P
[Old version datasheet]   200-W 48-V INPUT, 8-V OUTPUT, SEMI-REGULATED, ISOLATED DC-DC BUS CONVERTER
logo
GAPTEC Electronic GmbH ...
3S7B GAPTEC-3S7B Datasheet
789Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com