Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ-CBL-OUT2CD Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # AQ-CBL-OUT2CD
Description  Semi-regulated output for bus stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ-CBL-OUT2CD Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  AQ-CBL-OUT2CD Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ-CBL-OUT2CD Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Product # AQ0300IUxx
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-005051 Rev. D
09/14/15
Page 3
AC Input: 85-264 Vrms
DC Output: 12/24/36/48 V Semi-reg.
Power: 300 W
Grade: Industrial
65
70
75
80
85
90
95
100
0
100
200
300
400
Output Power (W)
115 Vrms
230 Vrms
65
70
75
80
85
90
95
100
0
100
200
300
400
Output Power (W)
115 Vrms
230 Vrms
65
70
75
80
85
90
95
100
0
100
200
300
400
Output Power (W)
115 Vrms
230 Vrms
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
0
4
8
12
16
20
24
28
Output Load (A)
20
21
22
23
24
25
26
27
28
0
2
4
6
8
10
12
14
16
Output Load (A)
30
32
34
36
38
40
42
0
1
2
3
4
5
6
7
8
9
10
11
Output Load (A)
EFFICIENCY, DERATING, AND VOUT DROOP CURVES
Technical Specification
Figure 1: 12 V
OUT efficiency curves.
Figure 2: 12 V
OUT droop characteristic.
Figure 3: 24 V
OUT efficiency curves.
Figure 4: 24 V
OUT droop characteristic.
Figure 5: 36 V
OUT efficiency curves.
Figure 6: 36 V
OUT droop characteristic.


Similar Part No. - AQ-CBL-OUT2CD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
4Mb / 14P
   Parallel operation supported
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
4Mb / 14P
   Parallel operation supported
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ-CBL-OUT2CD SYNQOR-AQ-CBL-OUT2CD Datasheet
3Mb / 12P
   Integral fan cooling with speed control
More results

Similar Description - AQ-CBL-OUT2CD

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300IUXT SYNQOR-AQ0300IUXT Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
logo
Total Power Internation...
MA01 TOTAL-POWER-MA01 Datasheet
658Kb / 4P
   Semi-regulated Output Voltage
MA01H TOTAL-POWER-MA01H Datasheet
655Kb / 4P
   Semi-regulated Output Voltage
logo
Sanyo Semicon Device
STK730-020 SANYO-STK730-020 Datasheet
127Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-080 SANYO-STK730-080 Datasheet
98Kb / 4P
   Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
logo
GAPTEC Electronic GmbH ...
3S7A-1U GAPTEC-3S7A-1U Datasheet
804Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
3S7B-3UP GAPTEC-3S7B-3UP Datasheet
374Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
logo
Texas Instruments
PTQB425080 TI-PTQB425080 Datasheet
445Kb / 14P
[Old version datasheet]   200-W 48-V INPUT, 8-V OUTPUT, SEMI-REGULATED, ISOLATED DC-DC BUS CONVERTER
logo
GAPTEC Electronic GmbH ...
3S7B GAPTEC-3S7B Datasheet
789Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com